Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 44 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 40Page - Texas Instruments ADC3421 Datasheet HTML 41Page - Texas Instruments ADC3421 Datasheet HTML 42Page - Texas Instruments ADC3421 Datasheet HTML 43Page - Texas Instruments ADC3421 Datasheet HTML 44Page - Texas Instruments ADC3421 Datasheet HTML 45Page - Texas Instruments ADC3421 Datasheet HTML 46Page - Texas Instruments ADC3421 Datasheet HTML 47Page - Texas Instruments ADC3421 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
Input Frequency (MHz)
10
100
1000
65.0
65.5
66.0
66.5
67.0
67.5
68.0
68.5
69.0
69.5
70.0
70.5
71.0
D001
D036
Ext Clock Jitter
35 fs
50 fs
100 fs
150 fs
200 fs
2
_
2
_
.
,
)
(
)
(
ADC
Aperture
Input
Clock
Ext
Jitter
Jitter
T
T
T
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
The total clock jitter (TJitter) has two components: the internal aperture jitter (130 fs for the device) which is set by
the noise of the clock input buffer and the external clock. TJitter can be calculated with Equation 3.
(3)
External clock jitter can be minimized by using high-quality clock sources and jitter cleaners as well as band-pass
filters at the clock input; a faster clock slew rate improves the ADC aperture jitter. The devices have a typical
thermal noise of 72.7 dBFS and internal aperture jitter of 130 fs. The SNR, depending on the amount of external
jitter for different input frequencies, is shown in Figure 137.
Figure 137. SNR vs Frequency for Different Clock Jitter
9.3.3 Digital Output Interface
The devices offer two different output format options, thus making interfacing to a field-programmable gate array
(FPGA) or an application-specific integrated circuit (ASIC) easy. Each option can be easily programmed using
the serial interface, as shown in Table 3. The output interface options are:
•
One-wire, 1x frame clock, 12x serialization with the DDR bit clock and
•
Two-wire, 1x frame clock, 6x serialization with the DDR bit clock.
Table 3. Interface Rates
RECOMMENDED SAMPLING
BIT CLOCK
FRAME CLOCK
SERIAL DATA
INTERFACE
FREQUENCY (MSPS)
SERIALIZATION
FREQUENCY
FREQUENCY
RATE PER
OPTIONS
(MHz)
(MHz)
WIRE (Mbps)
MINIMUM
MAXIMUM
15
90
15
180
One-wire
12x
80
480
80
960
Two-wire
20(1)
60
20
120
(Default after
6x
125
375
125
750
Reset)
(1)
Use the LOW SPEED ENABLE register bits for low speed operation; see Table 21.
9.3.3.1 One-Wire Interface: 12x Serialization
In this interface option, the device outputs the data of each ADC serially on a single LVDS pair (one-wire). The
data are available at the rising and falling edges of the bit clock (DDR bit clock). The ADC outputs a new word at
the rising edge of every frame clock, starting with the LSB. The data rate is 12x sample frequency (12x
serialization).
44
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com