Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 42Page - Texas Instruments ADC3421 Datasheet HTML 43Page - Texas Instruments ADC3421 Datasheet HTML 44Page - Texas Instruments ADC3421 Datasheet HTML 45Page - Texas Instruments ADC3421 Datasheet HTML 46Page - Texas Instruments ADC3421 Datasheet HTML 47Page - Texas Instruments ADC3421 Datasheet HTML 48Page - Texas Instruments ADC3421 Datasheet HTML 49Page - Texas Instruments ADC3421 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
D016
Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
D017
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
9.4 Device Functional Modes
9.4.1 Input Clock Divider
The devices are equipped with an internal divider on the clock input. The clock divider allows operation with a
faster input clock, thus simplifying the system clock distribution design. The clock divider can be bypassed for
operation with a 125-MHz clock and the divide-by-2 option supports a maximum input clock of 250 MHz and the
divide-by-4 option provides a maximum input clock frequency of 500 MHz.
9.4.2 Chopper Functionality
The devices are equipped with an internal chopper front-end. Enabling the chopper function swaps the ADC
noise spectrum by shifting the 1/f noise from dc to fS / 2. Figure 139 shows the noise spectrum with the chopper
off and Figure 140 shows the noise spectrum with the chopper on. This function is especially useful in
applications requiring good ac performance at low input frequencies or in dc-coupled applications. The chopper
can be enabled via SPI register writes and is recommended for input frequencies below 30 MHz. The chopper
function creates a spur at fS / 2 that must be filtered out digitally.
fS = 125 MSPS, SNR = 70.4 dBFS,
fS = 125 MSPS, SNR = 70.4 dBFS,
fIN = 10 MHz, SFDR = 98 dBc
fIN = 10 MHz, SFDR = 97 dBc
Figure 139. Chopper Off
Figure 140. Chopper On
9.4.3 Power-Down Control
The power-down functions of the ADC342x can be controlled either through the parallel control pin (PDN) or
through an SPI register setting (see register 15h). The PDN pin can also be configured via SPI to a global power-
down or standby functionality, as shown in Table 4.
Table 4. Power-Down Modes
FUNCTION
POWER CONSUMPTION (mW)
WAKE-UP TIME (µs)
Global power-down
5
85
Standby
45
35
46
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com