Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 6Page - Texas Instruments ADC3421 Datasheet HTML 7Page - Texas Instruments ADC3421 Datasheet HTML 8Page - Texas Instruments ADC3421 Datasheet HTML 9Page - Texas Instruments ADC3421 Datasheet HTML 10Page - Texas Instruments ADC3421 Datasheet HTML 11Page - Texas Instruments ADC3421 Datasheet HTML 12Page - Texas Instruments ADC3421 Datasheet HTML 13Page - Texas Instruments ADC3421 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
7.9 AC Performance: ADC3422
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, ADC sampling rate = 50 MSPS, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
ADC3422 (fS = 50 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fIN = 10 MHz
70.8
71
fIN = 20 MHz
68.9
70.6
70.8
fIN = 70 MHz
70.5
70.7
Signal-to-noise ratio
(from 1-MHz offset)
fIN = 100 MHz
70.4
70.6
fIN = 170 MHz
69.8
70.1
fIN = 230 MHz
68.8
69
SNR
dBFS
fIN = 10 MHz
70.2
70.4
fIN = 20 MHz
69.8
70.0
fIN = 70 MHz
69.7
69.9
Signal-to-noise ratio
(full Nyquist band)
fIN = 100 MHz
69.8
70.1
fIN = 170 MHz
69.3
69.5
fIN = 230 MHz
68.2
68.4
fIN = 10 MHz
–144.6
–144.8
fIN = 20 MHz
–144.4 –142.7
–144.6
fIN = 70 MHz
–144.3
–144.5
Noise spectral density
NSD(1)
dBFS/Hz
(averaged across Nyquist zone)
fIN = 100 MHz
–144.2
–144.4
fIN = 170 MHz
–143.6
–143.9
fIN = 230 MHz
–142.6
–142.8
fIN = 10 MHz
70.8
71
fIN = 20 MHz
67.9
70.7
70.9
fIN = 70 MHz
70.3
70.6
Signal-to-noise and distortion
SINAD(1)
dBFS
ratio
fIN = 100 MHz
70.6
70.8
fIN = 170 MHz
69.7
69.9
fIN = 230 MHz
68.6
68.8
fIN = 10 MHz
11.5
11.5
fIN = 20 MHz
11
11.4
11.5
fIN = 70 MHz
11.4
11.5
ENOB(1)
Effective number of bits
Bits
fIN = 100 MHz
11.4
11.5
fIN = 170 MHz
11.3
11.3
fIN = 230 MHz
11.1
11.1
fIN = 10 MHz
90
92
fIN = 20 MHz
82
95
90
fIN = 70 MHz
93
92
SFDR
Spurious-free dynamic range
dBc
fIN = 100 MHz
87
87
fIN = 170 MHz
87
86
fIN = 230 MHz
83
83
(1)
Reported from a 1-MHz offset.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com