Electronic Components Datasheet Search
  English  ▼

X  

ADC3421 Datasheet(PDF) 78 Page - Texas Instruments

Part # ADC3421
Description  ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3421 Datasheet(HTML) 78 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 72Page - Texas Instruments ADC3421 Datasheet HTML 73Page - Texas Instruments ADC3421 Datasheet HTML 74Page - Texas Instruments ADC3421 Datasheet HTML 75Page - Texas Instruments ADC3421 Datasheet HTML 76Page - Texas Instruments ADC3421 Datasheet HTML 77Page - Texas Instruments ADC3421 Datasheet HTML 78Page - Texas Instruments ADC3421 Datasheet HTML 79Page - Texas Instruments ADC3421 Datasheet HTML 80Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
52X (0.5)
0.2) TYP
VIA
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(1.24) TYP
(3.05) TYP
(0.62) TYP
(3.05) TYP
(1.24)
TYP
56X (0.6)
56X (0.24)
(7.8)
(7.8)
(
6.6)
(0.62) TYP
VQFN - 1 mm max height
RTQ0056C
PLASTIC QUAD FLATPACK - NO LEAD
4224872/A 03/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 10X
SEE SOLDER MASK
DETAIL
1
14
15
28
29
42
43
56
57
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com