Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments TUSB1210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
7.3 Feature Description
7.3.1 Processor Subsystem
7.3.1.1 Clock Specifications
7.3.1.1.1 USB PLL Reference Clock
The USB PLL block generates the clocks used to synchronize:
• The ULPI interface (60 MHz clock)
• The USB interface (depending on the USB data rate, 480 Mbps, 12 Mbps, or 1.5 Mbps)
TUSB1210 requires an external reference clock which is used as an input to the 480 MHz USB PLL block.
Depending on the clock configuration, this reference clock can be provided either at REFCLK pin or at CLOCK
pin. By default CLK pin is configured as an input.
Two clock configurations are possible:
• Input clock configuration (see Section 7.3.1.1.2)
• Output clock configuration (see Section 7.3.1.1.3)
7.3.1.1.2 ULPI Input Clock Configuration
In this mode, REFCLK must be externally tied to GND. CLOCK remains configured as an input.
When the ULPI interface is used in input clock configuration, that is, the 60 MHz ULPI clock is provided to
TUSB1210 on Clock pin, then this is used as the reference clock for the 480 MHz USB PLL block. See Section
6.13.
7.3.1.1.3 ULPI Output Clock Configuration
In this mode, a reference clock must be externally provided on the REFCLK pin. When an input clock is detected
on the REFCLK pin, then CLK is automatically changed to an output. For example, 60 MHz ULPI clock is the
TUSB1210 devices output on the CLK pin.
Two reference clock input frequencies are supported. REFCLK input frequency is communicated to TUSB1210
through a configuration pin, CFG. See fREFCLK in Table 8-3 for frequency correspondence. TUSB1210 supports
square-wave reference clock input only. Reference clock input must be square-wave of amplitude in the range 3
V to 3.6 V. See Section 6.13.
7.3.1.1.4 Clock 32 kHz
An internal clock generator running at 32 kHz has been implemented to provide a low-speed, low-power clock to
the system See Section 7.3.1.1.4.
7.3.1.1.5 Reset
All logic is reset if CS = 0 or VBAT are not present.
All logic (except 32 kHz logic) is reset if VDDIO is not present.
PHY logic is reset when any supplies are not present (VDDIO, VDD15, VDD18, and VDD33) or if RESETB pin is low.
TUSB1210 may be reset manually by toggling the RESETB pin to GND for at least 200 ns.
If manual reset through RESETB is not required, then RESETB pin may be tied to VDDIO permanently.
7.3.1.2 USB Transceiver
The TUSB1210 device includes a universal serial bus (USB) on-the-go (OTG) transceiver that supports USB 480
Mb/s high-speed (HS), 12 Mb/s full-speed (FS), and USB 1.5 Mb/s low-speed (LS) through a 12-pin UTMI+ low
pin interface (ULPI).
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com