Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments TUSB1210 Datasheet HTML 49Page - Texas Instruments TUSB1210 Datasheet HTML 50Page - Texas Instruments TUSB1210 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
7.5.29 VENDOR_SPECIFIC2
ADDRESS OFFSET
0x80
PHYSICAL ADDRESS
0x80
INSTANCE
USB_SCUSB
DESCRIPTION
Eye diagram programmability and
DP/DM swap control .
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SPARE
DATAPOLARIT
Y
ZHSDRV
IHSTX
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
SPARE
RW
0
6
DATAPOLARITY
Control data polarity on dp/dm
RW
1
5:04
ZHSDRV
High speed output impedance configuration for eye diagram tuning :
RW
0x0
00 45.455 Ω
01 43.779 Ω
10 42.793 Ω
11 42.411 Ω
3:00
IHSTX
High speed output drive strength configuration for eye diagram tuning :
RW
0x1
0000 17.928 mA
0001 18.117 mA
0010 18.306 mA
0011 18.495 mA
0100 18.683 mA
0101 18.872 mA
0110 19.061 mA
0111 19.249 mA
1000 19.438 mA
1001 19.627 mA
1010 19.816 mA
1011 20.004 mA
1100 20.193 mA
1101 20.382 mA
1110 20.570 mA
1111 20.759 mA
IHSTX[0] is also the AC BOOST enable
IHSTX[0] = 0 à AC BOOST is disabled
IHSTX[0] = 1 à AC BOOST is enabled
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com