Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 37Page - Texas Instruments TUSB1210 Datasheet HTML 38Page - Texas Instruments TUSB1210 Datasheet HTML 39Page - Texas Instruments TUSB1210 Datasheet HTML 40Page - Texas Instruments TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
7.5.22 DEBUG
ADDRESS OFFSET
0x15
PHYSICAL ADDRESS
0x15
INSTANCE
USB_SCUSB
DESCRIPTION
Indicates the current value
of various signals useful for
debugging.
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
LINESTATE
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
Reserved
R
0
3
Reserved
R
0
2
Reserved
R
0
1:00
LINESTATE
These signals reflect the current state of the single
ended receivers. They directly reflect the current
state of the DP (LineState[0]) and DM (LineState[1])
signals.
•
Read 0x0: SE0 (LS/FS), Squelch (HS/Chirp)
•
Read 0x1:
–
LS: 'K' State,
–
FS: 'J' State,
–
HS: !Squelch,
–
Chirp: !Squelch &
HS_Differential_Receiver_Output
•
Read 0x2:
–
LS: 'K' State,
–
FS: 'J' State,
–
HS: !Squelch,
–
Chirp: !Squelch &
HS_Differential_Receiver_Output
•
Read 0x3: SE1 (LS/FS), Invalid (HS/Chirp)
R
0x0
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com