Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
6.13 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: Clock Input
Clock input duty cycle
40
60%
fCLK
Clock nominal frequency
60
MHz
Clock input rise/fall time
In % of clock period tCLK ( = 1/fCLK )
10%
Clock input frequency accuracy
250
ppm
Clock input integrated jitter
600
ps rms
Electrical Characteristics: REFCLK
REFCLK input duty cycle
40
60%
fREFCLK
REFCLK nominal frequency
When CFG pin is tied to GND
19.2
MHz
When CFG pin is tied to VDDIO
26
REFCLK input rise/fall time
In % of clock period tREFCLK ( = 1/
fREFCLK )
20%
REFCLK input frequency accuracy
250
ppm
REFCLK input integrated jitter
600
ps rms
REFCLK HIZ Leakage current
3
µA
REFCLK HIZ Leakage current
–3
Digital IO Electrical Characteristics: CLOCK
tr
Rise time
Frequency = 60 MHz, Load = 10 pF
1
ns
tf
Fall time
Frequency = 30 MHz, Load = 10 pF
1
ns
Digital IO Electrical Characteristics: STP, DIR, NXT, DATA0 to DATA7
tr
Rise time
Frequency = 30 MHz, Load = 10 pF
1
ns
tf
Fall time
1
ns
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com