Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 53 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 49Page - Texas Instruments TUSB1210 Datasheet HTML 50Page - Texas Instruments TUSB1210 Datasheet HTML 51Page - Texas Instruments TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Figure 8-1 shows the suggested application diagram (Host or OTG, ULPI input-clock mode).
8.2 Typical Application
8.2.1 Host or OTG, ULPI Input Clock Mode Application
Figure 8-1 shows a suggested application diagram for TUSB1210 in the case of ULPI input-clock mode (60 MHz
ULPI clock is provided by link processor), in Host or OTG application. Note: this is just one example, it is of
course possible to operate as HOST or OTG while also in ULPI output-clock mode.
(See Note A)
(See Note C)
(See Note B)
(See Note D)
TUSB1210
Link Controller
VDDIO
VBUS
VBUS
EN
IN
5 V
OUT
VBAT
VDD33
CVDD18
CVDDIO
CBYP
CVDD33
CVDD15
CVBUS
VDD18
VDD15
7
27
5
13
12
17
4
10
VBUS Switch
USB Receptacle
ESD
3
9
29
6
2
31
GND
GND
1.8-V Supply
VDDIO Supply
3.1 5.5 V
–
Supply
VDDIO Supply
CPEN
CS_OUT
DIR
STP
RESETB
CLOCK
CLOCK
NXT
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
DIR
STP
RESETB
REFCLK
NXT
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
1
20
21
22
26
N/C
25
N/C
24
N/C
16
N/C
15
N/C
8
32
28, 30
14
11
CS
CFG
18
23
19
DP
DM
ID
DP
DM
ID
SHIELD
(See Note E)
A.
Pin 11 (CS): can be tied high to VIO if the CS_OUT pin is unavailable; Pin 14 (CFG): tie-high is do not care since the ULPI clock is used
in input mode
B.
Pin 1 (REFCLK): must be tied low
C.
Ext 3 V supply supported
D.
Pin 27 (RESETB) can be tied to VDDIO if unused.
E.
Pins labeled N/C (no-connect) are truly no-connect, and can be tied or left floating.
Figure 8-1. Host or OTG, ULPI Input Clock Mode Application Diagram
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com