Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 26Page - Texas Instruments TUSB1210 Datasheet HTML 27Page - Texas Instruments TUSB1210 Datasheet HTML 28Page - Texas Instruments TUSB1210 Datasheet HTML 29Page - Texas Instruments TUSB1210 Datasheet HTML 30Page - Texas Instruments TUSB1210 Datasheet HTML 31Page - Texas Instruments TUSB1210 Datasheet HTML 32Page - Texas Instruments TUSB1210 Datasheet HTML 33Page - Texas Instruments TUSB1210 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
7.5.11 OTG_CTRL
ADDRESS OFFSET
0x0A
PHYSICAL ADDRESS
0x0A
INSTANCE
USB_SCUSB
DESCRIPTION
Controls UTMI+ OTG functions of
the PHY.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
USEEXTERNA
LVBUSINDICAT
OR
DRVVBUSEXT
ERNAL
DRVVBUS
CHRGVBUS
DISCHRGVBU
S
DMPULLDOWN DPPULLDOWN
IDPULLUP
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
USEEXTERNALVBUSINDICATOR Tells the PHY to use an external VBUS over-current indicator.
RW
0
0b: Use the internal OTG comparator (VA_VBUS_VLD) or internal VBUS valid
indicator (default)
1b: Use external VBUS valid indicator signal.
6
DRVVBUSEXTERNAL
Selects between the internal and the external 5 V VBUS supply.
RW
0
0b: Pin17 (CPEN) is disabled (output GND level). TUSB1210 does not support
internal VBUS supply.
1b: Pin17 (CPEN) is set to ‘1’ (output VDD33 voltage level) if DRVVBUS bit is
‘1’, else Pin17 (CPEN) is disabled (output GND level) if DRVVBUS bit is ‘0’
5
DRVVBUS
VBUS output control bit
RW
0
0b : do not drive VBUS
1b : drive 5V on VBUS
Note: Both DRVVBUS and DRVVBUSEXTERNAL bits must be set to 1 in order
to to set Pin17 (CPEN). CPEN pin can be used to enable an external VBUS
supply
4
CHRGVBUS
Charge VBUS through a resistor. Used for VBUS pulsing SRP. The Link must
first check that VBUS has been discharged (see DischrgVbus register bit), and
that both D+ and D- data lines have been low (SE0) for 2ms.
RW
0
0b : do not charge VBUS
1b : charge VBUS
3
DISCHRGVBUS
Discharge VBUS through a resistor. If the Link sets this bit to 1, it waits for an
RX CMD indicating SessEnd has transitioned from 0 to 1, and then resets this
bit to 0 to stop the discharge.
RW
0
0b : do not discharge VBUS
1b : discharge VBUS
2
DMPULLDOWN
Enables the 15k Ohm pull-down resistor on D-.
RW
1
0b : Pull-down resistor not connected to D-.
1b : Pull-down resistor connected to D-.
1
DPPULLDOWN
Enables the 15k Ohm pull-down resistor on D+.
RW
1
0b : Pull-down resistor not connected to D+.
1b : Pull-down resistor connected to D+.
0
IDPULLUP
Connects a pull-up to the ID line and enables sampling of the signal level.
RW
0
0b : Disable sampling of ID line.
1b : Enable sampling of ID line.
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com