Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 23Page - Texas Instruments TUSB1210 Datasheet HTML 24Page - Texas Instruments TUSB1210 Datasheet HTML 25Page - Texas Instruments TUSB1210 Datasheet HTML 26Page - Texas Instruments TUSB1210 Datasheet HTML 27Page - Texas Instruments TUSB1210 Datasheet HTML 28Page - Texas Instruments TUSB1210 Datasheet HTML 29Page - Texas Instruments TUSB1210 Datasheet HTML 30Page - Texas Instruments TUSB1210 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
7.5.8 IFC_CTRL
ADDRESS OFFSET
0x07
PHYSICAL ADDRESS
0x07
INSTANCE
USB_SCUSB
DESCRIPTION
Enables alternative interfaces
and PHY features.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
INTERFACE_P
ROTECT_DISA
BLE
INDICATORPA
SSTHRU
INDICATORCO
MPLEMENT
AUTORESUME
CLOCKSUSPE
NDM
CARKITMODE
FSLSSERIALM
ODE_3PIN
FSLSSERIALM
ODE_6PIN
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
INTERFACE_PROTECT_DISA
BLE
Controls circuitry built into the PHY for protecting the ULPI interface when the link
tri-states stp and data.
RW
0
0b: Enables the interface protect circuit
1b: Disables the interface protect circuit
6
INDICATORPASSTHRU
Controls whether the complement output is qualified with the internal vbusvalid
comparator before being used in the VBUS State in the RXCMD.
RW
0
0b: Complement output signal is qualified with the internal VBUSVALID comparator.
1b: Complement output signal is not qualified with the internal VBUSVALID comparator.
5
INDICATORCOMPLEMENT
Tells the PHY to invert EXTERNALVBUSINDICATOR input signal, generating the
complement output.
RW
0
0b: PHY will not invert signal EXTERNALVBUSINDICATOR (default)
1b: PHY will invert signal EXTERNALVBUSINDICATOR
4
AUTORESUME
Enables the PHY to automatically transmit resume signaling.
RW
1
Refer to USB specification 7.1.7.7 and 7.9 for more details.
0 = AutoResume disabled
1 = AutoResume enabled (default)
3
CLOCKSUSPENDM
Active low clock suspend. Valid only in Serial Modes. Powers down the internal clock
circuitry only. Valid only when SuspendM = 1b. The PHY must ignore ClockSuspend
when SuspendM = 0b. By default, the clock will not be powered in Serial and Carkit
Modes.
RW
0
0b : Clock will not be powered in Serial and UART Modes.
1b : Clock will be powered in Serial and UART Modes.
2
CARKITMODE
Changes the ULPI interface to UART interface. The PHY automatically clear this field
when UART mode is exited.
RW
0
0b: UART disabled.
1b: Enable serial UART mode.
1
FSLSSERIALMODE_3PIN
Changes the ULPI interface to 3-pin Serial.
RW
0
The PHY must automatically clear this field when serial mode is exited.
0b: FS/LS packets are sent using parallel interface
1b: FS/LS packets are sent using 4-pin serial interface
0
FSLSSERIALMODE_6PIN
Changes the ULPI interface to 6-pin Serial.
RW
0
The PHY must automatically clear this field when serial mode is exited.
0b: FS/LS packets are sent using parallel interface
1b: FS/LS packets are sent using 6-pin serial interface
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com