Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments TUSB1210 Datasheet HTML 21Page - Texas Instruments TUSB1210 Datasheet HTML 22Page - Texas Instruments TUSB1210 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
7.3.1.2.1.5 HS Differential Transmitter
The HS transmitter is always operated via the ULPI parallel interface. The parallel data on the interface is
serialized, bit stuffed, NRZI encoded, and transmitted as a dc output current on DP or DM depending on the
data. Each line has an effective 22.5 Ω load to ground, which generates the voltage levels for signaling.
A disconnect detector is also part of the HS transmitter. A disconnect on the far end of the cable causes the
impedance seen by the transmitter to double thereby doubling the differential amplitude seen on the DP/DM
lines of Section 6.13.
7.3.1.2.1.6 UART Transceiver
In this mode, the ULPI data bus is redefined as a 2-pin UART interface, which exchanges data through a direct
access to the FS/LS analog transmitter and receiver. See Section 6.13.
Figure 7-1. USB UART Data Flow
7.3.1.2.2 OTG Characteristics
The on-the-go (OTG) block integrates three main functions:
• The USB plug detection function on VBUS and ID
• The ID resistor detection
• The VBUS level detection
See Section 6.10.
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com