Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 36Page - Texas Instruments TUSB1210 Datasheet HTML 37Page - Texas Instruments TUSB1210 Datasheet HTML 38Page - Texas Instruments TUSB1210 Datasheet HTML 39Page - Texas Instruments TUSB1210 Datasheet HTML 40Page - Texas Instruments TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
7.5.21 USB_INT_LATCH
ADDRESS OFFSET
0x14
PHYSICAL ADDRESS
0x14
INSTANCE
USB_SCUSB
DESCRIPTION
These bits are set by the PHY when an unmasked change
occurs on the corresponding internal signal. The PHY
will automatically clear all bits when the Link reads this
register, or when Low Power Mode is entered. The PHY
also clears this register when Serial Mode or Carkit Mode
is entered regardless of the value of ClockSuspendM.
The PHY follows the rules defined in Table 26 of the ULPI
spec for setting any latch register bit. It is important to
note that if register read data is returned to the Link in the
same cycle that a USB Interrupt Latch bit is to be set, the
interrupt condition is given immediately in the register read
data and the Latch bit is not set.
Note that it is optional for the Link to read the USB
Interrupt Latch register in Synchronous Mode because
the RX CMD byte already indicates the interrupt source
directly
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_LATCH
SESSEND_LAT
CH
SESSVALID_L
ATCH
VBUSVALID_L
ATCH
HOSTDISCON
NECT_LATCH
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_LATCH
Set to 1 by the PHY when an unmasked event occurs on IdGnd. Cleared
when this register is read.
R
0
3
SESSEND_LATCH
Set to 1 by the PHY when an unmasked event occurs on SessEnd.
Cleared when this register is read.
R
0
2
SESSVALID_LATCH
Set to 1 by the PHY when an unmasked event occurs on SessValid.
Cleared when this register is read. SessValid is the same as UTMI+
AValid.
R
0
1
VBUSVALID_LATCH
Set to 1 by the PHY when an unmasked event occurs on VbusValid.
Cleared when this register is read.
R
0
0
HOSTDISCONNECT_LATC
H
Set to 1 by the PHY when an unmasked event occurs on
Hostdisconnect. Cleared when this register is read. Applicable only in
host mode.
R
0
NOTE: As this IT is enabled by default, the reset value depends on the
host status
Reset value is '0' when host is connected.
Reset value is '1' when host is disconnected.
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com