Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 40Page - Texas Instruments TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
7.5.26 VENDOR_SPECIFIC1
ADDRESS OFFSET
0x3D
PHYSICAL ADDRESS
0x3D
INSTANCE
USB_SCUSB
DESCRIPTION
Power Control register.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SPARE
MNTR_VUSBIN
_OK_EN
ID_FLOAT_EN
ID_RES_EN
BVALID_FALL
BVALID_RISE
SPARE
ABNORMALST
RESS_EN
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
SPARE
Reserved. The link must never write a 1b to this bit.
RW
0
6
MNTR_VUSBIN_OK_EN When set to 1, it enables RX CMDs for high to low or low to high transitions
on MNTR_VUSBIN_OK. This bit is provided for debugging purposes.
RW
0
5
ID_FLOAT_EN
When set to 1, it enables RX CMDs for high to low or low to high transitions
on ID_FLOAT. This bit is provided for debugging purposes.
RW
0
4
ID_RES_EN
When set to 1, it enables RX CMDs for high to low or low to high transitions
on ID_RESA, ID_RESB and ID_RESC. This bit is provided for debugging
purposes.
RW
0
3
BVALID_FALL
Enables RX CMDs for high to low transitions on BVALID. When BVALID
changes from high to low, the USB TRANS will send an RX CMD to the link
with the alt_int bit set to 1b.
RW
0
This bit is optional and is not necessary for OTG devices. This bit is
provided for debugging purposes. Disabled by default.
2
BVALID_RISE
Enables RX CMDs for low to high transitions on BVALID. When BVALID
changes from low to high, the USB Trans will send an RX CMD to the link
with the alt_int bit set to 1b.
RW
0
This bit is optional and is not necessary for OTG devices. This bit is
provided for debugging purposes. Disabled by default.
1
SPARE
Reserved. The link must never write a 1b to this bit.
RW
0
0
ABNORMALSTRESS_E
N
When set to 1, it enables RX CMDs for low to high and high to low
transitions on ABNORMALSTRESS. This bit is provided for debugging
purposes.
RW
0
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com