Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments TUSB1210 Datasheet HTML 61Page - Texas Instruments TUSB1210 Datasheet HTML 62Page - Texas Instruments TUSB1210 Datasheet HTML 63Page - Texas Instruments TUSB1210 Datasheet HTML 64Page - Texas Instruments TUSB1210 Datasheet HTML 65Page - Texas Instruments TUSB1210 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
10.2 Layout Guidelines
• The VDDIO pins of the TUSB1210 supply 1.8 V (nominal) power to the core of the TUSB1210. This power rail
can be isolated from all other power rails by a ferrite bead to reduce noise.
• The VBAT pin of the TUSB1210 supply 3.3 V (nominal) power rail to the TUSB1210. This power rail can be
isolated from all other power rails by a ferrite bead to reduce noise.
• The VBUS pin of the TUSB1210 supply 5 V (nominal) power rail to the TUSB1210. This pin is normally
connected to the VBUS pin of the USB connector.
• All power rails require 0.1 μF decoupling capacitors for stability and noise immunity. The smaller decoupling
capacitors should be placed as close to the TUSB1210 power pins as possible with an optimal grouping of
two of differing values per pin.
10.3 Layout Example
Figure 10-1. TUSB1210 Layout Example
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
62
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com