Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 55 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 51Page - Texas Instruments TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
8.2.2 Device, ULPI Output Clock Mode Application
Figure 8-3 shows a suggested application diagram for TUSB1210 in the case of ULPI output clock mode (60
MHz ULPI clock is provided by TUSB1210, while link processor or another external circuit provides REFCLK), in
Device mode application. Note: this is just one example, it is of course possible to operate as Device while also
in ULPI input-clock mode. Refer also to Figure 8-1.
(See Note A)
(See Note C)
(See Note B)
(See Note E)
(See Note D)
TUSB1210
Link Controller
VDDIO
VBUS
VBUS
VBAT
VDD33
CVDD18
CVDDIO
CBYP
CVDD33
CVDD15
CVBUS
VDD18
VDD15
7
27
5
13
12
17
4
10
USB Receptacle
ESD
3
9
29
6
2
GND
GND
1.8-V Supply
VDDIO Supply
3.1 5.5 V
–
Supply
VDDIO Supply
CPEN
CS_OUT
STP
RESETB
REFCLK
CLOCK
NXT
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
STP
RESETB
REFCLK
NXT
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
20
21
22
26
32
28, 30
31
DIR
DIR
1
CLKIN
14
11
CS
CFG
18
23
19
DP
DM
ID
DP
DM
SHIELD
N/C
25
N/C
24
N/C
16
N/C
15
N/C
8
A.
Pin 11 (CS): can be tied high to VIO if CS_OUT pin unavailable; Pin 14 (CFG): Tied to VDDIO for 26 MHz REFCLK mode here, tie to
GND for 19.2 MHz mode.
B.
Pin 1 (REFCLK): connect to external 3.3 V square-wave reference clock
C.
Ext 3 V supply supported
D.
Pin 27 (RESETB) can be tied to VDDIO if unused.
E.
Pins labeled N/C (no-connect) are truly no-connect, and can be tied or left floating.
Figure 8-3. Device, ULPI Output Clock Mode Application Diagram
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com