Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 20Page - Texas Instruments TUSB1210 Datasheet HTML 21Page - Texas Instruments TUSB1210 Datasheet HTML 22Page - Texas Instruments TUSB1210 Datasheet HTML 23Page - Texas Instruments TUSB1210 Datasheet HTML 24Page - Texas Instruments TUSB1210 Datasheet HTML 25Page - Texas Instruments TUSB1210 Datasheet HTML 26Page - Texas Instruments TUSB1210 Datasheet HTML 27Page - Texas Instruments TUSB1210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
7.5.4 PRODUCT_ID_HI
ADDRESS OFFSET
0x03
PHYSICAL ADDRESS
0x03
INSTANCE
USB_SCUSB
DESCRIPTION
Upper byte of Product ID supplied
by Vendor (TUSB1210 Product ID
is 0x1507).
TYPE
R
WRITE LATENCY
7
6
5
4
3
2
1
0
PRODUCT_ID
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7:00
PRODUCT_ID
R
0x15
7.5.5 FUNC_CTRL
ADDRESS OFFSET
0x04
PHYSICAL ADDRESS
0x04
INSTANCE
USB_SCUSB
DESCRIPTION
Controls UTMI function settings
of the PHY.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
SUSPENDM
RESET
OPMODE
TERMSELECT
XCVRSELECT
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
SUSPENDM
Active low PHY suspend. Put PHY into Low Power Mode. In Low Power
Mode the PHY power down all blocks except the full speed receiver, OTG
comparators, and the ULPI interface pins. The PHY automatically set this bit
to '1' when Low Power Mode is exited.
RW
1
5
RESET
Active high transceiver reset. Does not reset the ULPI interface or ULPI
register set.
RW
0
Once set, the PHY asserts the DIR signal and reset the UTMI core. When
the reset is completed, the PHY de-asserts DIR and clears this bit. After
de-asserting DIR, the PHY re-assert DIR and send an RX command update.
Note: This bit is auto-cleared, this explain why it can't be read at '1'.
4:03
OPMODE
Select the required bit encoding style during transmit
RW
0x0
0x0: Normal operation
0x1: Non-driving
0x2: Disable bit-stuff and NRZI encoding
0x3: Reserved (No SYNC and EOP generation feature not supported)
2
TERMSELECT
Controls the internal 1.5KΩs pull-up resistor and 45Ωs HS terminations.
Control over bus resistors changes depending on XcvrSelect, OpMode,
DpPulldown and DmPulldown.
RW
0
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com