Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 69 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 64Page - Texas Instruments TUSB1210 Datasheet HTML 65Page - Texas Instruments TUSB1210 Datasheet HTML 66Page - Texas Instruments TUSB1210 Datasheet HTML 67Page - Texas Instruments TUSB1210 Datasheet HTML 68Page - Texas Instruments TUSB1210 Datasheet HTML 69Page - Texas Instruments TUSB1210 Datasheet HTML 70Page - Texas Instruments TUSB1210 Datasheet HTML 71Page - Texas Instruments TUSB1210 Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.3
0.2
3.45 0.1
32X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
28X 0.5
2X
3.5
2X 3.5
A
5.1
4.9
B
5.1
4.9
(0.1)
VQFN - 1 mm max height
RHB0032E
PLASTIC QUAD FLATPACK - NO LEAD
4223442/B 08/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
33
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
SEE SIDE WALL
DETAIL
20.000
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com