Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments TUSB1210 Datasheet HTML 21Page - Texas Instruments TUSB1210 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Note
LS device mode is not allowed by a USB2.0 HS capable PHY, therefore it is not supported by
TUSB1210. This is stated in USB2.0 standard Chapter 7, page 119, second paragraph: “A high-speed
capable upstream facing transceiver must not support low-speed signaling mode..” There is also some
related commentary in Chapter 7.1.2.3.
7.3.1.2.1 PHY Electrical Characteristics
The PHY is the physical signaling layer of the USB 2.0. It essentially contains all the drivers and receivers
required for physical data and protocol signaling on the DP and DM lines.
The PHY interfaces to the USB controller through a standard 12-pin digital interface called UTMI+ low pin
interface (ULPI).
The transmitters and receivers inside the PHY are classified into two main classes.
• The full-speed (FS) and low-speed (LS) transceivers. These are the legacy USB1.x transceivers.
• The HS (HS) transceivers
To bias the transistors and run the logic, the PHY also contains reference generation circuitry which consists of:
• A DPLL which does a frequency multiplication to achieve the 480-MHz low-jitter lock necessary for USB and
also the clock required for the switched capacitor resistance block.
• A switched capacitor resistance block which is used to replicate an external resistor on chip.
Built-in pullup and pulldown resistors are used as part of the protocol signaling.
Apart from this, the PHY also contains circuitry which protects it from accidental 5-V short on the DP and DM
lines.
7.3.1.2.1.1 LS/FS Single-Ended Receivers
In addition to the differential receiver, there is a single-ended receiver (SE–, SE+) for each of the two data
lines D+/–. The main purpose of the single-ended receivers is to qualify the D+ and D– signals in the full-speed/
low-speed modes of operation. See Section 6.8.
7.3.1.2.1.2 LS/FS Differential Receiver
A differential input receiver (Rx) retrieves the LS/FS differential data signaling. The differential voltage on the line
is converted into digital data by a differential comparator on DP/DM. This data is then sent to a clock and data
recovery circuit which recovers the clock from the data. An additional serial mode exists in which the differential
data is directly output on the RXRCV pin. See Section 6.13.
7.3.1.2.1.3 LS/FS Transmitter
The USB transceiver (Tx) uses a differential output driver to drive the USB data signal D+/– onto the USB cable.
The driver's outputs support 3-state operation to achieve bidirectional half-duplex transactions. See Section
6.13.
7.3.1.2.1.4 HS Differential Receiver
The HS receiver consists of the following blocks:
A differential input comparator to receive the serial data
• A squelch detector to qualify the received data
• An oversampler-based clock data recovery scheme followed by a NRZI decoder, bit unstuffing, and serial-to-
parallel converter to generate the ULPI DATAOUT
See Section 6.13.
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com