Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 59 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments TUSB1210 Datasheet HTML 61Page - Texas Instruments TUSB1210 Datasheet HTML 62Page - Texas Instruments TUSB1210 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
9.5 Power Consumption
Table 9-2 describes the power consumption depending on the use cases.
Note
The typical power consumption is obtained in the nominal operating conditions and with the
TUSB1210 standalone.
Table 9-2. Power Consumption
MODE
CONDITIONS
SUPPLY
TYPICAL
CONSUMPTION
UNIT
OFF Mode
VBAT = 3.6 V,
VDDIO = 1.8 V,
VDD18 = 1.8 V, CS = 0 V
IVBAT
8
µA
IVDDIO
3
IVDD18
5
ITOTAL
16
Suspend Mode
VBUS = 5 V,
VBAT = 3.6 V,
VDDIO = 1.8 V, No clock
IVBAT
204
µA
IVDDIO
3
IVDD18
3
ITOTAL
210
HS USB Operation
(Synchronous Mode)
VBAT = 3.6 V,
VDDIO = 1.8 V,
VDD18 = 1.8 V, active USB transfer
IVBAT
24.6
mA
IVDDIO
1.89
IVDD18
21.5
ITOTAL
48
FS USB Operation
(Synchronous Mode)
VBAT = 3.6 V,
VDDIO = 1.8 V,
active USB transfer
IVBAT
25.8
mA
IVDDIO
1.81
IVDD18
4.06
ITOTAL
31.7
Reset Mode
RESETB = 0 V, VBUS = 5 V,
VBAT = 3.6 V,
VDDIO = 1.8 V, No clock
IVBAT
237
µA
IVDDIO
3
IVDD18
3
ITOTAL
243
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com