Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 44Page - Texas Instruments TUSB1210 Datasheet HTML 45Page - Texas Instruments TUSB1210 Datasheet HTML 46Page - Texas Instruments TUSB1210 Datasheet HTML 47Page - Texas Instruments TUSB1210 Datasheet HTML 48Page - Texas Instruments TUSB1210 Datasheet HTML 49Page - Texas Instruments TUSB1210 Datasheet HTML 50Page - Texas Instruments TUSB1210 Datasheet HTML 51Page - Texas Instruments TUSB1210 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
7.5.30 VENDOR_SPECIFIC2_SET
ADDRESS OFFSET
0x81
PHYSICAL ADDRESS
0x81
INSTANCE
USB_SCUSB
DESCRIPTION
This register does not physically
exist.
It is the same as the
VENDOR_SPECIFIC1 register
with read/set-only property (write
'1' to set a particular bit, a write '0'
has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SPARE
DATAPOLARIT
Y
ZHSDRV
IHSTX
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
SPARE
RW
0
6
DATAPOLARITY
RW
1
5:04
ZHSDRV
RW
0x0
3:00
IHSTX
RW
0x1
7.5.31 VENDOR_SPECIFIC2_CLR
ADDRESS OFFSET
0x82
PHYSICAL ADDRESS
0x82
INSTANCE
USB_SCUSB
DESCRIPTION
This register does not physically
exist.
It is the same as the
VENDOR_SPECIFIC1 register
with read/clear-only property
(write '1' to clear a particular bit,
a write '0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SPARE
DATAPOLARIT
Y
ZHSDRV
IHSTX
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
SPARE
RW
0
6
DATAPOLARITY
RW
1
5:04
ZHSDRV
RW
0x0
3:00
IHSTX
RW
0x1
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com