Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Table 5-1. Pin Functions (continued)
PIN
A/D
TYPE
LEVEL
DESCRIPTION
NAME
NO.
NXT
2
D
O
VDDIO
ULPI NXT output signal
REFCLK
1
A
I
3.3 V
VDD33 Reference clock input (square-wave only). Tie to GND when pin 26 (CLOCK)
is required to be Input mode. Connect to square-wave reference clock of amplitude in
the range of 3 V to 3.6 V when Pin 26 (CLOCK) is required to be Output mode. See
pin 14 (CFG) description for REFCLK input frequency settings.
RESETB
27
D
I
VDDIO
When low, all digital logic (except 32 kHz logic required for power up sequencing)
including registers are reset to their default values, and ULPI bus is tri-stated. When
high, normal USB operation.
STP
29
D
I
VDDIO
ULPI STP input signal
VBAT
21
A
power
VBAT
Input supply voltage or battery source
VBUS
22
A
power
VBUS
VBUS pin of the USB connector
VDD15
12
A
power
1.5 V internal LDO output. Connect to external filtering capacitor.
VDD18
28, 30
A
power
VDD18
External 1.8 V supply input. Connect to external filtering capacitor.
VDD33
20
A
power
VDD33
3.3 V internal LDO output. Connect to external filtering capacitor.
VDDIO
32
A
I
VDDIO
External 1.8 V supply input for digital I/Os. Connect to external filtering capacitor.
GND
Thermal
Pad
A
power
—
Reference Ground
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com