Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 58 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments TUSB1210 Datasheet HTML 61Page - Texas Instruments TUSB1210 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
9 Power Supply Recommendations
VBUS, VBAT, and VDDIO are needed to power the TUSB1210. Recommended operation is for VBAT to be present
before VDDIO. Applying VDDIO before VBAT to TUSB1210 is not recommended as there is a diode from VDDIO to
VBAT which will be forward biased when VDDIO is present but VBAT is not present. TUSB1210 does not strictly
require VBUS to function.
9.1 TUSB1210 Power Supply
• The VDDIO pins of the TUSB1210 supply 1.8 V (nominal) power to the core of the TUSB1210. This power rail
can be isolated from all other power rails by a ferrite bead to reduce noise.
• The VBAT pin of the TUSB1210 supply 3.3 V (nominal) power rail to the TUSB1210. This power rail can be
isolated from all other power rails by a ferrite bead to reduce noise.
• The VBUS pin of the TUSB1210 supply 5.0 V (nominal) power rail to the TUSB1210. This pin is normally
connected to the VBUS pin of the USB connector.
• The VBUS pin of the TUSB1210 supply 5.0 V (nominal) power rail to the TUSB1210. This pin is normally
connected to the VBUS pin of the USB connector.
9.2 Ground
It is recommended that almost one board ground plane be used in the design. This provides the best image
plane for signal traces running above the plane. An earth or chassis ground is implemented only near the USB
port connectors on a different plane for EMI and ESD purposes.
9.3 Power Providers
Table 9-1 is a summary of TUSB1210 power providers.
Table 9-1. Power Providers(1)
NAME
USAGE
TYPE
TYPICAL
VOLTAGE (V)
MAXIMUM
CURRENT (mA)
VDD15
Internal
LDO
1.5
50
VDD18
External
LDO
1.8
30
VDD33
Internal
LDO
3.1
15
(1)
VDD33 may be supplied externally or by shorting the VDD33 pin to VBAT pin, provided VBAT minimum
is in range [3.2 V: 3.6 V]. Note that the VDD33 LDO will always power-on when the chip is enabled,
irrespective of whether VDD33 is supplied externally or not. In the case the VDD33 pin is not supplied
externally in the application, the electrical specifications for this LDO are provided below.
9.4 Power Modules
9.4.1 VDD33 Regulator
The VDD33 internal LDO regulator powers the USB PHY, charger detection, and OTG functions of the USB
subchip inside TUSB1210. Section 6.12 describes the regulator characteristics.
VDD33 regulator takes its power from VBAT.
Since the USB2.0 standard requires data lines to be biased with pullups biased from a supply greater than 3 V,
and since VDD33 regulator has an inherent voltage drop from its input, VBAT, to its regulated output, TUSB1210
will not meet USB 2.0 Standard if operated from a battery whose voltage is lower than 3.3 V.
9.4.2 VDD18 Supply
The VDD18 supply is powered externally at the VDD18 pin. See Table 8-3 for external components.
9.4.3 VDD15 Regulator
The VDD15 internal LDO regulator powers the USB subchip inside TUSB1210. Section 6.12 describes the
regulator characteristics.
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com