Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
6.10 OTG Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX UNIT
tRISE_SRP_UP_MIN
B-device VBUS SRP rise time
minimum for standard host
connection
0.8 to 2 V with > 97 μF
load
RVBUS = 0 Ω
and R1KSERIES = '0'
46.2
ms
RVBUS = 1000 Ω ±10%
and R1KSERIES = '1'
96
RVBUS = 1200 Ω ±10%
and R1KSERIES = '1'
100
RVBUS = 1800 Ω ±10%
and R1KSERIES = '1'
100
6.11 OTG ID Electrical
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX UNIT
ID Comparators — ID External Resistors Specifications
RID_GND
ID ground comparator
ID_GND interrupt
12
20
28
kΩ
RID_FLOAT
ID Float comparator
ID_FLOAT interrupt
200
500
kΩ
ID Line
RPH_ID_UP
Phone ID pullup to VPH_ID_UP
ID unloaded (VRUSB)
70
90
286
kΩ
VPH_ID_UP
Phone ID pullup voltage
Connected to VRUSB
2.5
3.2
V
ID line maximum voltage
5.25
V
6.12 Power Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VDD33 Internal LDO Regulator Characteristics
VINVDD33
Input voltage
VBAT USB
VVDD33 typ + 0.2
3.6
4.5
V
VVDD33
Output voltage
ON mode,
VUSB3V3_VSEL = ‘000
2.4
2.5
2.6
V
VUSB3V3_VSEL = ‘001
2.65
2.75
2.85
VUSB3V3_VSEL = ‘010
2.9
3.0
3.1
VUSB3V3_VSEL = ‘011 (default)
3.0
3.1
3.2
VUSB3V3_VSEL = ‘100
3.1
3.2
3.3
VUSB3V3_VSEL = ‘101
3.2
3.3
3.4
VUSB3V3_VSEL = ‘110
3.3
3.4
3.5
VUSB3V3_VSEL = ‘111
3.4
3.5
3.6
IVDD33
Rated output current
VBAT USB
Active mode
15
mA
Suspend/reset mode
1
VDD15 Internal LDO Regulator Characteristics
VIN VDD15
Input voltage
On mode, VIN VDD15 = VBAT
2.7
3.6
4.5
V
VVDD15
Output voltage
VINVDD15 min – VINVDD15 max
1.45
1.56
1.65
V
IVDD15
Rated output current
On mode
30
mA
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com