Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
6.8 PHY Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
LS/FS Single-Ended Receivers
USB single-ended receivers
SKWVP_VM
Skew between VP and VM
Driver outputs unloaded
–2
0
2
ns
VSE_HYS
Single-ended hysteresis
50
mV
VIH
High (driven)
2
V
VIL
Low
0.8
V
VTH
Switching threshold
0.8
2
V
LS/FS Differential Receiver
VDI
Differential input sensitivity
Ref. USB2.0
200
mV
VCM
Differential Common mode range
Ref. USB2.0
0.8
2.5
V
LS Transmitter
VOL
Low
Ref. USB2.0
0
300
mV
VOH
High (driven)
Ref. USB2.0
2.8
3.6
V
VCRS
Output signal crossover voltage
Ref. USB2.0, covered by eye
diagram
1.3
2
V
tr
Rise time
Ref. USB2.0, covered by eye
diagram
75
300
ns
tf
Fall time
75
300
ns
tFRFM
Differential rise and fall time matching
80%
125%
tFDRATE
Low-speed data rate
Ref. USB2.0, covered by eye
diagram
1.4775
1.5225
Mb/s
tDJ1
Source jitter total (including frequency
tolerance)
To next transition
Ref. USB2.0, covered by eye
diagram
–25
25
ns
tDJ2
For paired
transitions
–10
10
tFEOPT
Source SE0 interval of EOP
Ref. USB2.0, covered by eye
diagram
1.25
1.5
µs
Downstream eye diagram
Ref. USB2.0, covered by eye
diagram
VCM
Differential common mode range
Ref. USB2.0
0.8
2.5
V
FS Transmitter
VOL
Low
Ref. USB2.0
0
300
mV
VOH
High (driven)
Ref. USB2.0
2.8
3.6
V
VCRS
Output signal crossover voltage
Ref. USB2.0, covered by eye
diagram
1.3
2
V
tFR
Rise time
Ref. USB2.0
4
20
ns
tFF
Fall time
Ref. USB2.0
4
20
ns
tFRFM
Differential rise and fall time matching
Ref. USB2.0, covered by eye
diagram
90%
111.11%
ZDRV
Driver output resistance
Ref. USB2.0
28
44
Ω
TFDRATE
Full-speed data rate
Ref. USB2.0, covered by eye
diagram
11.97
12.03
Mb/s
tDJ1
Source jitter total (including frequency
tolerance)
To next transition
Ref. USB2.0, covered by eye
diagram
–2
2
ns
tDJ2
For paired
transitions
–1
1
TFEOPT
Source SE0 interval of EOP
Ref. USB2.0, covered by eye
diagram
160
175
ns
Downstream eye diagram
Ref. USB2.0, covered by eye
diagram
Upstream eye diagram
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com