Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 29Page - Texas Instruments TUSB1210 Datasheet HTML 30Page - Texas Instruments TUSB1210 Datasheet HTML 31Page - Texas Instruments TUSB1210 Datasheet HTML 32Page - Texas Instruments TUSB1210 Datasheet HTML 33Page - Texas Instruments TUSB1210 Datasheet HTML 34Page - Texas Instruments TUSB1210 Datasheet HTML 35Page - Texas Instruments TUSB1210 Datasheet HTML 36Page - Texas Instruments TUSB1210 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
7.5.14 USB_INT_EN_RISE
ADDRESS OFFSET
0x0D
PHYSICAL ADDRESS
0x0D
INSTANCE
USB_SCUSB
DESCRIPTION
If set, the bits in this
register cause an interrupt event
notification to be generated when
the corresponding PHY signal
changes from low to high.
By default, all transitions are
enabled.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_RISE
SESSEND_RIS
E
SESSVALID_RI
SE
VBUSVALID_RI
SE
HOSTDISCON
NECT_RISE
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_RISE
Generate an interrupt event notification when IdGnd changes from
low to high.
RW
1
Event is automatically masked if IdPullup bit is clear to 0 and for
50ms after IdPullup is set to 1.
3
SESSEND_RISE
Generate an interrupt event notification when SessEnd changes
from low to high.
RW
1
2
SESSVALID_RISE
Generate an interrupt event notification when SessValid changes
from low to high. SessValid is the same as UTMI+ AValid.
RW
1
1
VBUSVALID_RISE
Generate an interrupt event notification when VbusValid changes
from low to high.
RW
1
0
HOSTDISCONNECT_RISE
Generate an interrupt event notification when Hostdisconnect
changes from low to high. Applicable only in host mode (DpPulldown
and DmPulldown both set to 1b).
RW
1
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com