Electronic Components Datasheet Search
  English  ▼

X  

TUSB1210 Datasheet(PDF) 60 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments TUSB1210 Datasheet HTML 61Page - Texas Instruments TUSB1210 Datasheet HTML 62Page - Texas Instruments TUSB1210 Datasheet HTML 63Page - Texas Instruments TUSB1210 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
10 Layout
10.1 TUSB121x USB2.0 Product Family Board Layout Recommendations
Table 10-1. TUSB121x USB2.0 Product Family Board Layout Recommendations
Item
USB General Considerations
1.00
USB design requires symmetrical termination and symmetrical component placement along the DP and DM paths.
1.01
Place the USB host controller and major components on the unrouted board first.
1.02
Place the USB host controller, as close as possible to the transceiver device, that is, ULPI interface traces as short as possible.
1.03
Route high-speed clock and high-speed USB. Route differential pairs first.
Since these signals are critical and long length traces are to be avoided, it is therefore recommended to route DP/DM before routing less critical signals on the board. A
similar recommendation is true for CLK, and ULPI signals which should be routed with equalized trace length.
1.04
Maintain maximum possible distance between high-speed clocks/periodic signals to high speed USB differential pairs and any connector leaving the PCB (such as I/O
connectors, control, and signal headers or power connectors).
1.05
Place the USB receptacle at the board edge.
1.06
Maximum TI-recommended external capacitance on DP (or DM) lines is 4 pF
•
This capacitance is the sum of all external discrete components, that is, the total capacitance on DP (or DM) lines including trace capacitance can be larger than 4
pF.
•
All discrete components should be placed as close as possible to the USB receptacle.
1.07
Place the low-capacitance ESD protections as close as possible to the USB receptacle, with no other external devices in between.
1.08
Common mode chokes degrade signal quality, thus they should only be used if EMI performance enhancement is absolutely necessary.
1.09
Place the common mode choke (if required to improve EMI performance) as close as possible to the USB receptacle (but after one or more of the ESD devices).
USB Interface (DP, DM)
2.00
Separate signal traces into similar categories and route similar signal traces together, that is, DP/DM and ULPI.
2.01
Route the USB receptacle ground pin to the analog ground plane of the device with multiple via connections.
2.02
Route the DP/DM trace pair together.
2.03
For HS-capable devices, route the DP/DM signals from the device to the USB receptacle with an optimum trace length of 5 cm. Maximum trace length 1-way delay of 0.5
ns (7.5 cm for 67 ps/cm in FR-3).
2.04
Match the DP/DM trace lengths. Maximum mismatch allowable is 150 mils (≈0.4 cm).
2.05
Route the DP/DM signals with 90 Ω differential impedance, and 22.5≈30-Ω common-mode impedance (objective is to have Zodd ≈ Z0 = Zdiff/2 = 45 Ω).
2.06
Use an impedance calculator to determine the trace width and spacing required for the specific board stack up being used.
2.07
Keep the maximum possible distance between DP and DM signals from the other platform clocks, power sources and digital or analog signals.
2.08
Do not route DP/DM signals over or under crystals, oscillators, clock synthesizers, magnetic devices, or ICs that use clocks.
2.09
Avoid changing the routing layer for DP/DM traces. If unavoidable, use multiple vias.
2.10
Minimize bends and corners on DP/DM traces.
2.11
When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This reduces reflections on the signal by minimizing impedance
discontinuities.
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com