Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 16 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments CC2564MODACMOG Datasheet HTML 13Page - Texas Instruments CC2564MODACMOG Datasheet HTML 14Page - Texas Instruments CC2564MODACMOG Datasheet HTML 15Page - Texas Instruments CC2564MODACMOG Datasheet HTML 16Page - Texas Instruments CC2564MODACMOG Datasheet HTML 17Page - Texas Instruments CC2564MODACMOG Datasheet HTML 18Page - Texas Instruments CC2564MODACMOG Datasheet HTML 19Page - Texas Instruments CC2564MODACMOG Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Specifications
Copyright © 2014–2017, Texas Instruments Incorporated
Table 4-9. Bluetooth Receiver—In-Band Signals (continued)
CHARACTERISTICS
CONDITION
MIN
TYP
MAX
BLUETOOTH
SPECIFICATION
UNIT
(2)
Numbers show ratio of desired signal to interfering signal. Smaller numbers indicate better C/I performance.
C/I performance(2)
Image = –1 MHz
GFSK, co-channel
8
11
dB
EDR, co-channel
π / 4-DQPSK
9.5
13
8DPSK
16.5
21
GFSK, adjacent ±1 MHz
–10
0
EDR, adjacent ±1 MHz, (image)
π / 4-DQPSK
–10
0
8DPSK
–5
5
GFSK, adjacent +2 MHz
–38
–30
EDR, adjacent, +2 MHz
π / 4-DQPSK
–38
–30
8DPSK
–38
–25
GFSK, adjacent –2 MHz
–28
–20
EDR, adjacent –2 MHz
π / 4-DQPSK
–28
–20
8DPSK
–22
–13
GFSK, adjacent
≥ |±3| MHz
–45
–40
EDR, adjacent
≥ |±3| MHz
π / 4-DQPSK
–45
–40
8DPSK
–44
–33
RF return loss
–10
dB
RX mode LO leakage
Frf = (received RF – 0.6 MHz)
–63
dBm
(1)
To modify maximum output power, use an HCI VS command.
Table 4-10. Bluetooth Transmitter—GFSK
CHARACTERISTICS
MIN
TYP
MAX
BLUETOOTH
SPECIFICATION
UNIT
Maximum RF output power(1)
10
dBm
Gain control range
30
dB
Power control step
2
8
2 to 8
Adjacent channel power |M–N| = 2
–35
≤ –20
dBm
Adjacent channel power |M–N| > 2
–45
≤ –40
(1)
Adjacent channel power measurements take into account specification exception of three bands, as defined by the Test Suite Structure
(TSS) and Test Purposes (TP) Bluetooth Documentation Specification.
Table 4-11. Bluetooth Transmitter—EDR
CHARACTERISTICS
MIN
TYP
MAX
BLUETOOTH
SPECIFICATION
UNIT
EDR output
power
π / 4-DQPSK
VDD_IN = V(BAT)
8
dBm
8DPSK
VDD_IN = V(BAT)
8
EDR relative power
–2
1
–4 to +1
dB
Gain control range
30
Power control step
2
8
2 to 8
Adjacent channel power |M–N| = 1
–30
≤ –26
dBc
dBc
Adjacent channel power |M–N| = 2
–23
≤ –20
dBm
Adjacent channel power |M–N| > 2 (1)
–42
≤ –40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com