Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 43 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 39Page - Texas Instruments CC2564MODACMOG Datasheet HTML 40Page - Texas Instruments CC2564MODACMOG Datasheet HTML 41Page - Texas Instruments CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments CC2564MODACMOG Datasheet HTML 45Page - Texas Instruments CC2564MODACMOG Datasheet HTML 46Page - Texas Instruments CC2564MODACMOG Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
43
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device and Documentation Support
Copyright © 2014–2017, Texas Instruments Incorporated
7
Device and Documentation Support
NOTE
Information in this section is not part of the TI component specification, and TI does not
warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed below.
7.1
Device Certification and Qualification
The TI CC2564MODx module is certified for the FCC, IC, and ETSI/CE. Moreover, the module is a
Bluetooth Qualified Design by the Bluetooth Special Interest Group (Bluetooth SIG). TI Customers that
build products based on the TI CC2564MODx module can save in testing cost and time per product
family.
For more information, see the CC256x Regulatory Compliance wiki and the CC256x Bluetooth SIG
Certification wiki.
7.1.1
FCC Certification
The TI CC2564MODx module is certified for the FCC as a single-modular transmitter. The module is a
FCC-certified radio module that carries a modular grant. The module complies with the intentional radiator
portion (Part 15c) of the FCC certification: Part 15.247 transmitter tests. For more information, see
CC2564MODx Modular Grant, FCC ID: Z64-2564N. A Class 2 Permissive Change is applied to
CC2564MODA.
7.1.2
IC Certification
The TI CC2564MODx module is certified for the IC as a single-modular transmitter. The TI CC2564MODx
module meets IC modular approval and labeling requirements. The IC follows the same testing and rules
as the FCC regarding certified modules in authorized equipment. For more information, see
CC2564MODx Modular Grant, IC ID: 451I-2564N. A Class 2 Permissive Change is applied to
CC2564MODA.
7.1.3
ETSI/CE Certification
The TI CC2564MODx module is CE certified with certifications to the appropriate EU radio and EMC
directives summarized in the Declaration of Conformity and evidenced by the CE mark. The module is
tested against the ETSI EN300-328 v1.8.1 radio tests, which is accepted by a number of countries for
radio compliance. For more information, see CC2564MODN DoC and CC2564MODA DoC.
7.1.4
Bluetooth Special Interest Group Qualification
The TI CC2564MODx module is Bluetooth qualified and carries a Bluetooth 4.1 Controller Subsystem
Qualification Design ID (QDID), which covers the lower layers of a Bluetooth design up to the HCI layer. TI
customers that build products based on the TI CC2564MODx module can reference this QDID in their
Bluetooth product Listing. For more information, see CC2564MODN Controller Subsystem, QDID 55257
and CC2564MODA Controller Subsystem, QDID 64631.
7.2
Tools and Software
Design Kits and Evaluation Modules
Dual-Mode Bluetooth® CC2564 Evaluation Board The CC256XQFNEM evaluation board contains the
CC2564B device and is intended for evaluation and design purposes for the CC256x
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com