Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Terminal Configuration and Functions
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
ESD: Human Body Model (HBM). JEDEC 22-A114 2-wire method. CDM: All pins pass 500 V except BT_ANT, which passes 400 V.
(2)
I = input; O = output; I/O = bidirectional
(3)
I/O Type: Digital I/O cells. HY = input hysteresis, current = typical output current
3.2
Pin Attributes
Table 3-1 describes the pin attributes.
Table 3-1. Pin Attributes
NO.
NAME
ESD(1) (V)
PULL AT
RESET
DEF.
DIR.(2)
I/O
Type(3)
DESCRIPTION
1
HCI_CTS
750
PU
I
8 mA
HCI UART clear-to-send. The device can send data
when HCI_CTS is low.
2
HCI_TX
750
PU
O
8 mA
HCI UART data transmit
3
HCI_RX
750
PU
I
8 mA
HCI UART data receive
4
HCI_RTS
750
PU
O
8 mA
HCI UART request-to-send. Host can send data when
HCI_RTS is low.
5
GND
1000
Ground
7
GND
1000
Ground
8
SLOW_CLK_IN
1000
I
32.768-kHz clock in
Fail-safe
9
GND
1000
Ground
12
VDD_IN
I
Main power supply for the module (2.2 to 4.8 V)
13
GND
Ground
14
BT_ANT
500
I/O
Bluetooth RF I/O (CC2564MODN only)
NC
Not connected (CC2564MODA only)
15
GND
Ground
16
nSHUTD
PD
I
Shutdown input (active low)
17
GND
Ground
18
VDD_IO
1000
I
I/O power supply (1.8 V nominal)
19
AUD_IN
500
PD
I
4 mA
PCM data input
Fail-safe
20
AUD_OUT
500
PD
O
4 mA
PCM data output
Fail-safe
21
AUD_CLK
500
PD
I/O
HY, 4 mA
PCM clock
Fail-safe
22
AUD_FSYNC
500
PD
I/O
4 mA
PCM frame sync
Fail-safe
24
TX_DBG
1000
PU
O
2 mA
TI internal debug messages. TI
recommends leaving a test point.
25
GNDPAD
1000
Ground
26
GNDPAD
1000
Ground
27
GNDPAD
1000
Ground
28
GNDPAD
1000
Ground
29
GNDPAD
1000
Ground
30
GNDPAD
1000
Ground
31
GNDPAD
1000
Ground
32
GNDPAD
1000
Ground
33
GNDPAD
1000
Ground
34
GNDPAD
1000
Ground (CC2564MODA only)
35
GNDPAD
1000
Ground (CC2564MODA only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com