Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 39 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 35Page - Texas Instruments CC2564MODACMOG Datasheet HTML 36Page - Texas Instruments CC2564MODACMOG Datasheet HTML 37Page - Texas Instruments CC2564MODACMOG Datasheet HTML 38Page - Texas Instruments CC2564MODACMOG Datasheet HTML 39Page - Texas Instruments CC2564MODACMOG Datasheet HTML 40Page - Texas Instruments CC2564MODACMOG Datasheet HTML 41Page - Texas Instruments CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Applications, Implementation, and Layout
Copyright © 2014–2017, Texas Instruments Incorporated
6.2.1.4.2 Ground
The common ground must be the solid ground plane in Layer 2. TI recommends using a large ground pad
under and around the module and placing enough ground vias beneath for a stable system and thermal
dissipation (see Figure 6-11).
Figure 6-11. Using a Large Ground Pad Under the Module
6.2.1.5
Clock Guidelines
Remember that clock signal routing directly influences RF performance because of the signal trace
susceptibility to noise.
6.2.1.5.1 Slow Clock
TI recommends the following guidelines:
•
Keep the slow clock signal lines as short as possible and at least 4-mils wide.
•
Traces of slow clock signals must have a ground plane on each side of the signal trace to reduce
undesired signal coupling.
•
To reduce the capacitive coupling of undesired signals into the clock line, do not route slow clock
traces above or below other signals (especially digital signals). Figure 6-12 shows the slow clock trace
in the TI reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com