Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 27 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG Datasheet HTML 25Page - Texas Instruments CC2564MODACMOG Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
27
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Other settings: Block length = 16; allocation method = loudness; subbands = 8.
5.9.2
Assisted A2DP
The A2DP enables wireless transmission of high-quality mono or stereo audio between two devices.
A2DP defines two roles:
•
A2DP source is the transmitter of the audio stream.
•
A2DP sink is the receiver of the audio stream.
A typical use case streams music from a tablet, phone, or PC (the A2DP source) to headphones or
speakers (the A2DP sink). This section describes the architecture of these roles and compares them with
the corresponding assisted-A2DP architecture. To use the air bandwidth efficiently, the audio data must be
compressed in a proper format. The A2DP mandates support of the SBC scheme. Other audio coding
algorithms can be used; however, both Bluetooth devices must support the same coding scheme. SBC is
the only coding scheme spread out in all A2DP Bluetooth devices, and thus the only coding scheme
supported in the assisted A2DP modes. Table 5-4 lists the recommended parameters for the SBC scheme
in the assisted A2DP modes.
Table 5-4. Recommended Parameters for the SBC Scheme in Assisted A2DP Modes
SBC
ENCODER
SETTINGS(1)
MID QUALITY
HIGH QUALITY
MONO
JOINT STEREO
MONO
JOINT STEREO
Sampling
frequency
(kHz)
44.1
48
44.1
48
44.1
48
44.1
48
Bitpool value
19
18
35
33
31
29
53
51
Resulting
frame length
(bytes)
46
44
83
79
70
66
119
115
Resulting bit
rate (Kbps)
127
132
229
237
193
198
328
345
The SBC scheme supports a wide variety of configurations to adjust the audio quality. Table 5-5 through
Table 5-12 list the supported SBC capabilities in the assisted A2DP modes.
Table 5-5. Channel Modes
CHANNEL MODE
STATUS
Mono
Supported
Stereo
Supported
Joint stereo
Supported
Dual channel
Supported
Table 5-6. Sampling Frequency
SAMPLING FREQUENCY (kHz)
STATUS
16
Supported
44.1
Supported
48
Supported
Table 5-7. Block Length
BLOCK LENGTH
STATUS
4
Supported
8
Supported
12
Supported
16
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com