Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 45 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 41Page - Texas Instruments CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments CC2564MODACMOG Datasheet HTML 45Page - Texas Instruments CC2564MODACMOG Datasheet HTML 46Page - Texas Instruments CC2564MODACMOG Datasheet HTML 47Page - Texas Instruments CC2564MODACMOG Datasheet HTML 48Page - Texas Instruments CC2564MODACMOG Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
45
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device and Documentation Support
Copyright © 2014–2017, Texas Instruments Incorporated
Software
TI Dual-Mode Bluetooth® Stack TI’s dual-mode Bluetooth stack enables Bluetooth + Bluetooth Low
Energy and is comprised of Single Mode and Dual Mode offerings implementing the
Bluetooth 4.0 specification. The Bluetooth stack is fully Bluetooth Special Interest Group
(SIG) qualified, certified and royalty-free, provides simple command line sample applications
to speed development, and upon request has MFI capability.
TI Dual-Mode Bluetooth Stack on MSP432 MCUs TI’s Dual-mode Bluetooth stack on MSP432 MCUs
software for Bluetooth + Bluetooth Low Energy enables the MSP432 MCU and is comprised
of Single Mode and Dual-mode offerings implementing the Bluetooth 4.0 specification. The
Bluetooth stack is fully qualified (QDID 69887 and QDID 69886), provides simple command
line sample applications to speed development, and upon request has MFI capability.
TI Dual-Mode Bluetooth® Stack on STM32F4 MCUs
TI's Dual-mode Bluetooth stack on STM32F4
MCUs software for Bluetooth + Bluetooth Low Energy enables the STM32 ARM Cortex M4
and is comprised of Single Mode and Dual Mode offerings implementing the Bluetooth 4.0
specification. The Bluetooth stack is fully qualified for CC256XSTBTBLESW (QDID 69887
and QDID 69886), provides simple command line sample applications to speed
development, and upon request has MFI capability.
TI Dual-Mode Bluetooth® Stack on MSP430™ MCUs
TI’s Dual-mode Bluetooth stack on MSP430™
MCUs software for Bluetooth + Bluetooth Low Energy enables the MSP430 MCU and is
comprised of Single Mode and Dual Mode offerings implementing the Bluetooth 4.0
specification. The Bluetooth stack is fully qualified (QDID 37180 and QDID 42849), provides
simple command line sample applications to speed development, and upon request has MFI
capability.
TI Dual-Mode Bluetooth® Stack on TM4C MCUs TI’s Dual-mode Bluetooth stack on TM4C MCUs
software for Bluetooth + Bluetooth Low Energy enables the TM4C12x MCU and is comprised
of Single Mode and Dual Mode offerings implementing the Bluetooth 4.0 specification. The
Bluetooth stack is fully qualified (QDID 37180 and QDID 42849), provides simple command
line sample applications to speed development, and upon request has MFI capability.
Bluetooth Service Pack for CC256xB
The package contains Init Scripts (for BT4.0 and BT4.1) and
Add-Ons (for Audio/Voice Processing and for Bluetooth low energy support). The CC256x
Bluetooth Service Packs (SP) are mandatory initialization scripts that contain bug fixes and
platform specific configurations. They must be loaded into the corresponding CC256x device
after every power cycle. The CC256x SPs are delivered in the form of a Bluetooth Script
(BTS) file. A BTS file is a scripted binary file which defines the actions that should be applied
to the embedded HCI commands and HCI events within the file itself.
TI Bluetooth® Linux® Add-On for AM335x EVM, AM437x EVM and BeagleBone® With WL18xx and
CC256x This package contains the install package, pre-compiled object and source of the
TI Bluetooth Stack and Platform Manager to easily upgrade the default LINUX EZSDK
Binary on a AM437x EVM, AM335x EVM or BeagleBone. The software was built with Linaro
GCC 4.7 and can be added to Linux SDKs that use similar toolchain on other platforms. The
Bluetooth stack is fully qualified (QDID 69886 and QDID 69887), provides simple command
line sample applications to speed development, and upon request has MFI capability.
Development Tools
CC256x Bluetooth Hardware Evaluation Tool The CC256x Bluetooth Hardware Evaluation Tool is a
Texas Instruments (TI) tool which can be downloaded as a complete package from the TI
web site. It is a very intuitive, user-friendly tool to evaluate TI's Bluetooth chips. More
specifically, it is used to configure the BT chip's properties through the Service Pack (SP)
and also allows to test RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com