Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments CC2564MODACMOG Datasheet HTML 11Page - Texas Instruments CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments CC2564MODACMOG Datasheet HTML 13Page - Texas Instruments CC2564MODACMOG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Specifications
Copyright © 2014–2017, Texas Instruments Incorporated
4.5.2.2
Current Consumption for Different Low Energy Scenarios
Conditions: VDD_IN = 3.6 V, 25°C, nominal unit, 8-dBm output power
MODE
DESCRIPTION
AVERAGE
CURRENT
UNIT
Advertising, nonconnectable
Advertising in all three channels
1.28-seconds advertising interval
15 bytes advertise data
114
µA
Advertising, discoverable
Advertising in all three channels
1.28-seconds advertising interval
15 bytes advertise data
138
µA
Scanning
Listening to a single frequency per window
1.28-seconds scan interval
11.25-ms scan window
324
µA
Connected (master role)
500-ms connection interval
0-ms slave connection latency
Empty TX and RX LL packets
169 (master)
µA
Connected (slave role)
199 (slave)
4.6
Electrical Characteristics
RATING
CONDITION
MIN
MAX
UNIT
High-level output voltage, VOH
At 2, 4, 8 mA
0.8 × VDD_IO
VDD_IO
V
At 0.1 mA
VDD_IO – 0.2
VDD_IO
Low-level output voltage, VOL
At 2, 4, 8 mA
0
0.2 × VDD_IO
V
At 0.1 mA
0
0.2
I/O input impedance
Resistance
1
MΩ
Capacitance
5
pF
Output rise and fall times, 10% to 90% (digital pins)
CL = 20 pF
10
ns
I/O pull currents
PCM-I2S bus, TX_DBG
PU
Typical = 6.5
3.5
9.7
µA
PD
Typical = 27
9.5
55
All others
PU
Typical = 100
50
300
µA
PD
Typical = 100
50
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com