Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 24 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 20Page - Texas Instruments CC2564MODACMOG Datasheet HTML 21Page - Texas Instruments CC2564MODACMOG Datasheet HTML 22Page - Texas Instruments CC2564MODACMOG Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG Datasheet HTML 25Page - Texas Instruments CC2564MODACMOG Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Clock
Data_In
Frame_Sync
Frame period
Data_Out
Frame idle
Clk_Idle_Start
Clk_Idle_End
frmidle_swrs064
24
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
5.8.4
Frame Idle Period
The codec interface handles frame idle periods, in which the clock pauses and becomes 0 at the end of
the frame, after all data are transferred.
The module supports frame idle periods both as master and slave of the codec bus.
When the module is the master of the interface, the frame idle period is configurable. There are two
configurable parameters:
•
Clk_Idle_Start: indicates the number of clock cycles from the beginning of the frame to the beginning of
the idle period. After Clk_Idle_Start clock cycles, the clock becomes 0.
•
Clk_Idle_End: indicates the time from the beginning of the frame to the end of the idle period. The time
is given in multiples of clock periods.
The delta between Clk_Idle_Start and Clk_Idle_End is the clock idle period.
For example, for clock rate = 1 MHz, frame sync period = 10 kHz, Clk_Idle_Start = 60, Clk_Idle_End = 90.
Between both Frame_Sync signals there are 70 clock cycles (instead of 100). The clock idle period starts
60 clock cycles after the beginning of the frame and lasts 90 – 60 = 30 clock cycles. Thus, the idle period
ends 100 – 90 = 10 clock cycles before the end of the frame. The data transmission must end before the
beginning of the idle period.
Figure 5-6 shows the frame idle timing.
Figure 5-6. Frame Idle Period
5.8.5
Clock-Edge Operation
The codec interface of the module can work on the rising or the falling edge of the clock and can sample
the Frame_Sync signal and the data at inversed polarity.
Figure 5-7 shows the operation of a falling-edge-clock type of codec. The codec is the master of the bus.
The Frame_Sync signal is updated (by the codec) on the falling edge of the clock and is therefore
sampled (by the module) on the next rising clock. The data from the codec is sampled (by the module) on
the falling edge of the clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com