| Electronic Components Datasheet Search |
|
CC2564MODACMOG Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2564MODACMOG Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 68 page ![]() Host CC2564MODx Host_RX Host_TX HCI_RX HCI_TX GND GND Host CC2564MODx Host_RX Host_TX Host_CTS Host_RTS HCI_RX HCI_TX HCI_CTS HCI_RTS 22 CC2564MODN, CC2564MODA SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017 www.ti.com Submit Documentation Feedback Product Folder Links: CC2564MODN CC2564MODA Detailed Description Copyright © 2014–2017, Texas Instruments Incorporated Flow control between the host and the TI Bluetooth HCI module is bytewise by hardware. Figure 5-4 shows UART Transport Layer. Figure 5-4. UART Transport Layer When the UART RX buffer of the TI Bluetooth HCI module passes the flow control threshold, it sets the HCI_RTS signal high to stop transmission from the host. When the HCI_CTS signal is set high, the module stops transmission on the interface. If HCI_CTS is set high while transmitting a byte, the module finishes transmitting the byte and stops the transmission. The UART Transport Layer includes a mechanism that handles the transition between active mode and sleep mode. The protocol occurs through the CTS and RTS UART lines and is known as the enhanced HCI low level (eHCILL) power-management protocol. For more information on the UART Transport Layer, see Volume 4 Host Controller Interface, Part A UART Transport Layer of the Bluetooth Core Specifications (www.bluetooth.org). 5.7.2 Three-Wire UART Transport Layer The 3-wire UART Transport Layer consists of three signals (see Figure 5-5): • TX • RX • GND Figure 5-5. Three-Wire UART Transport Layer The 3-Wire UART Transport Layer supports the following features: • Software flow control (XON/XOFF) • Power management using the software messages: – WAKEUP – WOKEN – SLEEP • CRC data integrity check For more information on the 3-Wire UART Transport Layer, see Volume 4 Host Controller Interface, Part D Three- Wire UART Transport Layer of the Bluetooth Core Specifications (www.bluetooth.org). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |