Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 60 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 56Page - Texas Instruments CC2564MODACMOG Datasheet HTML 57Page - Texas Instruments CC2564MODACMOG Datasheet HTML 58Page - Texas Instruments CC2564MODACMOG Datasheet HTML 59Page - Texas Instruments CC2564MODACMOG Datasheet HTML 60Page - Texas Instruments CC2564MODACMOG Datasheet HTML 61Page - Texas Instruments CC2564MODACMOG Datasheet HTML 62Page - Texas Instruments CC2564MODACMOG Datasheet HTML 63Page - Texas Instruments CC2564MODACMOG Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
A
100.0
RFF
330.0
RFF
54
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Mechanical, Packaging, and Orderable Information
Copyright © 2014–2017, Texas Instruments Incorporated
8.2.2.4
Tape Specification
Figure 8-6 shows the dimensions of the tape.
Figure 8-6. Tape Dimensions (mm)
•
Cumulative tolerance of the 10-sprocket hole pitch is ±0.20.
•
Carrier camber is within 1 mm in 250 mm.
•
Material is black conductive polystyrene alloy.
•
All dimensions meet EIA-481-D requirements.
•
Thickness: 0.30 ±0.05 mm
•
Packing length per 22-inch reel is 110.5 m (1:3).
•
Component load per 13-inch reel is 2000 pieces.
8.2.2.5
Reel Specification
Figure 8-7 shows the reel specifications:
•
330-mm reel, 12-mm width tape
•
Reel material: Polystyrene (static dissipative/antistatic)
Figure 8-7. Reel Dimensions (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com