Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 52 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 48Page - Texas Instruments CC2564MODACMOG Datasheet HTML 49Page - Texas Instruments CC2564MODACMOG Datasheet HTML 50Page - Texas Instruments CC2564MODACMOG Datasheet HTML 51Page - Texas Instruments CC2564MODACMOG Datasheet HTML 52Page - Texas Instruments CC2564MODACMOG Datasheet HTML 53Page - Texas Instruments CC2564MODACMOG Datasheet HTML 54Page - Texas Instruments CC2564MODACMOG Datasheet HTML 55Page - Texas Instruments CC2564MODACMOG Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R
)
TYP
0.05
10X (0.9)
2X (4.5)
10X (0.9)
2X (4.5)
4X ( 0.5)
2X (1.6)
( 1.044)
(R
) TYP
0.05
2X (1.6)
24X (0.5)
24X (0.6)
4X (3.1)
4X (3.1)
4X (0.85)
2X
(3.15)
I/O PADS
2X (3.15)
I/O PADS
4X (0.85)
QFM - 1.4 mm max height
MOE0033A
QUAD FLAT MODULE
4222156/A 12/2015
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA
PADS 25-29: 90%
SCALE:12X
SEE PAD DETAIL
SYMM
SYMM
1
6
7
31
32
12
13
18
33
19
24
30
25
26
27
29
28
CENTER PAD DETAIL
5X,SCALE:25X
METAL
ALL AROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com