Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 20 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 16Page - Texas Instruments CC2564MODACMOG Datasheet HTML 17Page - Texas Instruments CC2564MODACMOG Datasheet HTML 18Page - Texas Instruments CC2564MODACMOG Datasheet HTML 19Page - Texas Instruments CC2564MODACMOG Datasheet HTML 20Page - Texas Instruments CC2564MODACMOG Datasheet HTML 21Page - Texas Instruments CC2564MODACMOG Datasheet HTML 22Page - Texas Instruments CC2564MODACMOG Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
20
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
5.3
Functional Blocks
The TI Bluetooth HCI module architecture comprises a DRP and a point-to-multipoint baseband core. The
architecture is based on a single-processor ARM® ARM7TDMI™ core. The module includes several on-
chip peripherals to enable easy communication with a host system and the Bluetooth BR/EDR/LE core.
5.4
Bluetooth BR and EDR Description
The CC2564MODx is Bluetooth 4.1 compliant up to the HCI level (for the technology supported, see
Table 5-1):
•
Up to seven active devices
•
Scatternet: Up to 3 piconets simultaneously, 1 as master and 2 as slaves
•
Up to two synchronous connection oriented (SCO) links on the same piconet
•
Very fast AFH algorithm for asynchronous connection-oriented link (ACL) and extended SCO (eSCO)
link
•
Supports typically 10-dBm TX power without an external power amplifier (PA), thus improving
Bluetooth link robustness
•
Digital radio processor (DRP™) single-ended 50-Ω I/O for easy RF interfacing with external antenna
(CC2564MODN). The CC2564MODA includes the antenna on the module.
•
Internal temperature detection and compensation to ensure minimal variation in RF performance over
temperature
•
Includes a 128-bit hardware encryption accelerator as defined by the Bluetooth specifications
•
Flexible pulse-code modulation (PCM) and inter-IC sound (I2S) digital codec interface:
–
Full flexibility of data format (linear, A-Law, µ-Law)
–
Data width
–
Data order
–
Sampling
–
Slot positioning
–
Master and slave modes
–
High clock rates up to 15 MHz for slave mode (or 4.096 MHz for master mode)
•
Support for all voice air-coding
–
CVSD
–
A-Law
–
µ-Law
–
Transparent (uncoded)
5.5
Bluetooth low energy Description
•
Bluetooth 4.1 compliant
•
Solution optimized for proximity and sports use cases
•
Multiple sniff instances that are tightly coupled to achieve minimum power consumption
•
Independent buffering for LE, allowing large numbers of multiple connections without affecting BR/EDR
performance.
•
Includes built-in coexistence and prioritization handling for BR/EDR and LE
NOTE
ANT and the assisted modes (HFP 1.6 and A2DP) are not available when Bluetooth low
energy is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com