Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG Datasheet HTML 25Page - Texas Instruments CC2564MODACMOG Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG Datasheet HTML 31Page - Texas Instruments CC2564MODACMOG Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
28
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
Table 5-8. Subbands
SUBBANDS
STATUS
4
Supported
8
Supported
Table 5-9. Allocation Method
ALLOCATION METHOD
STATUS
SNR
Supported
Loudness
Supported
Table 5-10. Bitpool Values
BITPOOL RANGE
STATUS
Assisted A2DP sink: 2-54
Supported
Assisted A2DP source: 2–57
Supported
Table 5-11. L2CAP MTU Size
L2CAP MTU SIZE (BYTES)
STATUS
Assisted A2DP sink: 260–800
Supported
Assisted A2DP source: 260–1021
Supported
Table 5-12. Miscellaneous Parameters
ITEM
VALUE
STATUS
A2DP content protection
Protected
Not supported
AVDTP service
Basic type
Supported
L2CAP mode
Basic mode
Supported
L2CAP flush
Nonflushable
Supported
For detailed information on the A2DP profile, see the A2DP Profile Specification at Adopted Bluetooth
Core Specifications.
5.9.2.1
Assisted A2DP Sink
The A2DP sink role is the receiver of the audio stream in an A2DP Bluetooth connection. In this role, the
A2DP layer and its underlying layers are responsible for link management and data decoding. To handle
these tasks, two logic transports are defined:
•
Control and signaling logic transport
•
Data packet logic transport
The assisted A2DP takes advantage of this modularity to handle the data packet logic transport in the
module by implementing a light L2CAP layer (L-L2CAP) and light AVDTP layer (L-AVDTP) to defragment
the packets. Then the assisted A2DP performs the SBC decoding on-chip to deliver raw audio data
through the module PCM–I2S interface. Figure 5-10 shows the comparison between a common A2DP
sink architecture and the assisted A2DP sink architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com