Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 4 Page - Texas Instruments

  CC2564MODACMOG Datasheet HTML 1Page - Texas Instruments CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Revision History
Copyright © 2014–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 4
3
Terminal Configuration and Functions
.............. 5
3.1
Pin Diagram
.......................................... 5
3.2
Pin Attributes
......................................... 6
3.3
Connections for Unused Signals
..................... 7
4
Specifications
............................................ 8
4.1
Absolute Maximum Ratings
.......................... 8
4.2
ESD Ratings
.......................................... 8
4.3
Power-On Hours
...................................... 8
4.4
Recommended Operating Conditions
................ 8
4.5
Power Consumption Summary
....................... 9
4.6
Electrical Characteristics
............................ 10
4.7
Timing and Switching Characteristics
............... 11
5
Detailed Description
................................... 19
5.1
Overview
............................................ 19
5.2
Functional Block Diagram
........................... 19
5.3
Functional Blocks
................................... 20
5.4
Bluetooth BR and EDR Description
................. 20
5.5
Bluetooth low energy Description
................... 20
5.6
Bluetooth Transport Layers
......................... 21
5.7
Host Controller Interface
............................ 21
5.8
Digital Codec Interface
.............................. 23
5.9
Assisted Modes
..................................... 25
6
Applications, Implementation, and Layout
........ 31
6.1
Reference Design Schematics
..................... 31
6.2
Layout
.............................................. 32
6.3
Soldering Recommendations
....................... 42
7
Device and Documentation Support
............... 43
7.1
Device Certification and Qualification
............... 43
7.2
Tools and Software
................................. 43
7.3
Device Nomenclature
............................... 46
7.4
Documentation Support
............................. 46
7.5
Related Links
........................................ 48
7.6
Community Resources
.............................. 48
7.7
Trademarks
.......................................... 48
7.8
Electrostatic Discharge Caution
..................... 48
7.9
Glossary
............................................. 48
8
Mechanical, Packaging, and Orderable
Information
.............................................. 49
8.1
Mechanical Data
.................................... 49
8.2
Packaging and Ordering
............................ 51
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from December 28, 2015 to January 16, 2017
Page
•
Changed Section 1.1
................................................................................................................. 1
•
Changed Section 1.3
................................................................................................................ 2
•
Added Table 3-2
...................................................................................................................... 7
•
Changed Section 7
.................................................................................................................. 43
•
Added Figure 7-1
.................................................................................................................... 46
•
Changed Table 8-1
.................................................................................................................. 51
Changes from November 4, 2015 to December 28, 2015
Page
•
Added CC2564MODA device variant
............................................................................................. 1
•
Added applications in Section 1.2
................................................................................................. 2
•
Changed VBAT to VDD_IN Figure 5-1 and Figure 5-2
.......................................................................... 3
•
Changed storage temperature range in Section 4.1
............................................................................. 8
•
Changed restrictions on verification of parameters in Section 4.7.4.1
....................................................... 15
•
Changed restrictions on verification of parameters in Section 4.7.4.2
....................................................... 18
•
Changed values for Adjacent channel power |M-N| = 2 and Adjacent channel power |M-N| > 2 in Table 4-15
........ 18
•
Added "Includes a 128-bit hardware encryption accelerator as defined by the Bluetooth specifications" in
Section 5.4
........................................................................................................................... 20
•
Changed Figure 5-10
.............................................................................................................. 29
•
Changed Figure 5-11
............................................................................................................... 30
•
Changed Section 6.2.2.1
.......................................................................................................... 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com