Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 56 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 52Page - Texas Instruments CC2564MODACMOG Datasheet HTML 53Page - Texas Instruments CC2564MODACMOG Datasheet HTML 54Page - Texas Instruments CC2564MODACMOG Datasheet HTML 55Page - Texas Instruments CC2564MODACMOG Datasheet HTML 56Page - Texas Instruments CC2564MODACMOG Datasheet HTML 57Page - Texas Instruments CC2564MODACMOG Datasheet HTML 58Page - Texas Instruments CC2564MODACMOG Datasheet HTML 59Page - Texas Instruments CC2564MODACMOG Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R
)
TYP
0.05
4X (0.8)
10X (0.9)
8X (0.45)
8X (6.55)
2X (4.5)
4X (0.8)
10X (0.9)
2X (4.5)
(3.05)
(3.5)
2X (3.163)
2X (5.688)
(3.15)
(3.135)
2X (0.4)
4X (2.325)
2X (0.43)
28X ( 0.5)
2X (1.6)
( 0.95)
(R
) TYP
0.05
2X (1.6)
QFM - 1.54 mm max height
MOG0035A
QUAD FLAT MODULE
4221869/A 07/2015
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
PKG
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PADS 25-29: 90% PRINTED SOLDER COVERAGE BY AREA
PADS 34 & 35: 96% PRINTED SOLDER COVERAGE BY AREA
SCALE:8X
SEE PAD DETAIL
1
2
6
7
31
32
12
13
18
33
19
24
30
25
26
27
29
28
34
35
2X METAL
PAD DETAIL
4X,SCALE:25X
METAL
ALL AROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com