Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments CC2564MODACMOG Datasheet HTML 11Page - Texas Instruments CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments CC2564MODACMOG Datasheet HTML 13Page - Texas Instruments CC2564MODACMOG Datasheet HTML 14Page - Texas Instruments CC2564MODACMOG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
nSHUTD
VDD_IO
HCI_RTS
20 µs maximum
slow clock
CC256x ready
VDD_IN
2 ms maximum
SWRS160-008
±100 ms
Shut down
before
VDD_IO
removed
11
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Specifications
Copyright © 2014–2017, Texas Instruments Incorporated
4.7
Timing and Switching Characteristics
4.7.1
Device Power Supply
The power-management hardware and software algorithms of the TI Bluetooth HCI module provide
significant power savings, which is a critical parameter in an MCU-based system.
The power-management module is optimized for drawing extremely low currents.
4.7.1.1
Power Sources
The TI Bluetooth HCI module requires two power sources:
•
VDD_IN: main power supply for the module
•
VDD_IO: power source for the 1.8-V I/O ring
The HCI module includes several on-chip voltage regulators for increased noise immunity and can be
connected directly to the battery.
4.7.1.2
Power Supply Sequencing
The device includes the following power-up requirements (see Figure 4-1):
•
nSHUTD must be low. VDD_IN and VDD_IO are don't-care when nSHUTD is low. However, signals
are not allowed on the I/O pins if I/O power is not supplied, because the I/Os are not fail-safe.
Exceptions are SLOW_CLK_IN and AUD_xxx, which are fail-safe and can tolerate external voltages
with no VDD_IO and VDD_IN.
•
VDD_IO and VDD_IN must be stable before releasing nSHUTD.
•
The slow clock must be stable within 2 ms of nSHUTD going high.
The device indicates that the power-up sequence is complete by asserting RTS low, which occurs up to
100 ms after nSHUTD goes high. If RTS does not go low, the device is not powered up. In this case,
ensure that the sequence and requirements are met.
Figure 4-1. Power-Up and Power-Down Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com