Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 1 Page - Texas Instruments

  CC2564MODACMOG Datasheet HTML 1Page - Texas Instruments CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
1
Device Overview
1
1.1
Features
1
• Module Solution Based on TI's CC2564B Dual-
Mode Bluetooth®, Available in Two Variants:
– CC2564MODA With Integrated Antenna
– CC2564MODN With External Antenna
• Fully Certified Module for FCC, IC, CE, and
Bluetooth 4.1
– FCC (Z64-2564N), IC (451I-2564N) Modular
Grant (see Section 6.2.1.3, Section 7.1.1, and
Section 7.1.2)
– CE Certified as Summarized in the Declaration
of Conformity (see Section 7.1.3)
– Bluetooth 4.1 Controller Subsystem Qualified
(CC2564MODN: QDID 55257; CC2564MODA:
QDID 64631). Compliant up to the HCI Layer
• Highly Optimized for Design Into Small Form
Factor Systems and Flexibility:
– CC2564MODA
– Integrated Chip Antenna
– Module Footprint: 35 Terminals, 0.8-mm
Pitch, 7 mm × 14 mm × 1.4 mm (Typical)
– CC2564MODN
– Single-Ended 50-Ω RF Interface
– Module Footprint: 33 Terminals, 0.8-mm
Pitch, 7 mm × 7 mm × 1.4 mm (Typical)
• BR and EDR Features Include:
– Up to Seven Active Devices
– Scatternet: Up to Three Piconets
Simultaneously, One as Master and Two as
Slaves
– Up to Two Synchronous Connection Oriented
(SCO) Links on the Same Piconet
– Support for All Voice Air-Coding—Continuously
Variable Slope Delta (CVSD), A-Law, µ-Law,
and Transparent (Uncoded)
– Assisted Mode for HFP 1.6 Wideband Speech
(WBS) Profile or A2DP Profile to Reduce Host
Processing and Power
– Support of Multiple Bluetooth Profiles With
Enhanced QoS
• Low Energy Features Include:
– Support of up to 10 Simultaneous Connections
– Multiple Sniff Instances Tightly Coupled to
Achieve Minimum Power Consumption
– Independent Buffering for Low Energy Allows
Large Numbers of Multiple Connections Without
Affecting BR or EDR Performance
– Built-In Coexistence and Prioritization Handling
for BR, EDR, and Low Energy
• Best-in-Class Bluetooth (RF) Performance (TX
Power, RX Sensitivity, Blocking)
– Class 1.5 TX Power up to +10 dBm
– –93 dbm Typical RX Sensitivity
– Internal Temperature Detection and
Compensation to Ensure Minimal Variation in
RF Performance Over Temperature, No
External Calibration Required
– Improved Adaptive Frequency Hopping (AFH)
Algorithm With Minimum Adaptation Time
– Provides Longer Range, Including Twice the
Range of Other Low-Energy-Only Solutions
• Advanced Power Management for Extended
Battery Life and Ease of Design
– On-Chip Power Management, Including Direct
Connection to Battery
– Low Power Consumption for Active, Standby,
and Scan Bluetooth Modes
– Shutdown and Sleep Modes to Minimize Power
Consumption
• Physical Interfaces:
– UART Interface With Support for Maximum
Bluetooth Data Rates
– UART Transport Layer (H4) With Maximum
Rate of 4 Mbps
– Three-Wire UART Transport Layer (H5) With
Maximum Rate of 4 Mbps
– Fully Programmable Digital Pulse-Code
Modulation (PCM)–I2S Codec Interface
• CC256x Bluetooth Hardware Evaluation Tool:
PC-Based Application to Evaluate RF Performance
of the Device and Configure Service Pack


Similar Part No. - CC2564MODACMOG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564MODACMOG TI1-CC2564MODACMOG Datasheet
16Mb / 62P
Bluetooth Host Controller Interface (HCI) Module
More results

Similar Description - CC2564MODACMOG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
PCMCIA Host Interface Controller
logo
Panasonic Semiconductor
PAN1315 PANASONIC-PAN1315 Datasheet
639Kb / 2P
BLUETOOTH HCI MODULE
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
Bluetooth V2.1 HCI Module
logo
List of Unclassifed Man...
BT111 ETC2-BT111 Datasheet
1Mb / 54P
Bluetooth Smart Ready HCI Module
WT21 ETC2-WT21_13 Datasheet
1Mb / 57P
BLUETOOTH HCI MODULE
logo
Texas Instruments
CC2564MODN TI1-CC2564MODN Datasheet
16Mb / 62P
Bluetooth Host Controller Interface (HCI) Module
logo
Toshiba Semiconductor
TC35661IDBG-009 TOSHIBA-TC35661IDBG-009 Datasheet
787Kb / 56P
TC35661IDBG-009 Bluetooth® HCI IC
2017-06-13 Rev 1.02
TC35661SBG-009 TOSHIBA-TC35661SBG-009 Datasheet
787Kb / 56P
TC35661SBG-009 Bluetooth® HCI IC
2017-01-13 Rev 1.01
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com