Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 46 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 42Page - Texas Instruments CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments CC2564MODACMOG Datasheet HTML 45Page - Texas Instruments CC2564MODACMOG Datasheet HTML 46Page - Texas Instruments CC2564MODACMOG Datasheet HTML 47Page - Texas Instruments CC2564MODACMOG Datasheet HTML 48Page - Texas Instruments CC2564MODACMOG Datasheet HTML 49Page - Texas Instruments CC2564MODACMOG Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
CC2564MOD x yyy z
PREFIX
X = Experimental device
Blank = Qualified device
DEVICE
Bluetooth® Host Controller
Interface (HCI) Module
DEVICE VARIANT
A = CC2564MODA
N = CC2564MODN
R = Large reel
T = Small reel
PACKAGE
MOE = QFM 33
MOG = QFM 35
46
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device and Documentation Support
Copyright © 2014–2017, Texas Instruments Incorporated
7.3
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
microprocessors (MPUs) and support tools. Each device has one of three prefixes: X, P, or null (no prefix)
(for example, CC2564MODNCMOER). Texas Instruments recommends two of three possible prefix
designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of
product development from engineering prototypes (TMDX) through fully qualified production devices and
tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
For orderable part numbers of CC2564MODx devices in the MOE and MOG package types, see the
Package Option Addendum of this document, ti.com, or contact your TI sales representative.
Figure 7-1. Device Nomenclature
7.4
Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the
upper right corner, click on Alert me to register and receive a weekly digest of any product information that
has changed. For change details, review the revision history included in any revised document.
The current documentation that describes the DSP, related peripherals, and other technical collateral is
listed below.
Application Report
Using TI Technology to Simplify Bluetooth® Pairing Via NFC
Bluetooth®
pairing
usually
involves
some level of user interaction to confirm the identity of the user and/or the devices
themselves. There are many pairing mechanisms available across the versions of Bluetooth
(v2.0 through v4.0). This process is typically lengthy and sometimes confusing to the user,
and so this application report is aimed at showing TI technology developers details on
implementing a simplified pairing scheme method outlined by the NFC Forum using an
MSP430F5529 (a TI ultra-low power MCU), a TRF7970A (a TI NFC transceiver IC), and an
CC2560 (a TI Bluetooth radio IC).
User's Guides
Dual-Mode Bluetooth® Stack on STM32F4 MCUs TI’s dual-mode Bluetooth® stack on STM32F4 MCUs
(CC256XSTBTBLESW) software for Bluetooth + Bluetooth low energy enables the STM32
ARM® Cortex®-M4 processor and includes single mode and dual mode, while implementing
the Bluetooth 4.0 specification. The Bluetooth stack is fully qualified (QDID 69887 and QDID
69886) and provides simple command-line applications to help speed development and can
be MFI capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com