Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 47 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 43Page - Texas Instruments CC2564MODACMOG Datasheet HTML 44Page - Texas Instruments CC2564MODACMOG Datasheet HTML 45Page - Texas Instruments CC2564MODACMOG Datasheet HTML 46Page - Texas Instruments CC2564MODACMOG Datasheet HTML 47Page - Texas Instruments CC2564MODACMOG Datasheet HTML 48Page - Texas Instruments CC2564MODACMOG Datasheet HTML 49Page - Texas Instruments CC2564MODACMOG Datasheet HTML 50Page - Texas Instruments CC2564MODACMOG Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
47
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device and Documentation Support
Copyright © 2014–2017, Texas Instruments Incorporated
Dual-Mode Bluetooth® CC2564 Module With Integrated Antenna Evaluation Board
The
CC2564MODAEM evaluation board contains the CC2564MODA Bluetooth® host controller
interface (HCI) module with integrated antenna and is intended for evaluation and design
purposes. For a complete evaluation solution, the CC2564MODAEM board plugs directly into
the following hardware development kits (HDKs):
•
MSP-EXP430F5529
•
MSP-EXP430F5438
•
DK-TM4C123G
•
DK-TM4C129X
•
Other MCUs
Dual-Mode Bluetooth® CC2564 Module With Integrated Antenna Evaluation Board
This quick-start
guide offers an overview of the CC2564MODAEM evaluation board for the dual-mode
Bluetooth CC2564 module with integrated antenna (CC2564MODA), including required
hardware and software tools and basic settings. For more information, see the Dual-Mode
Bluetooth CC2564 Module With Integrated Antenna Evaluation Board user's guide.
Selection and Solution Guides
Connected Sensors Building Automation Systems Guide Monitoring devices or nodes in building
control systems, fire safety systems, lighting control, and other building automation and
Internet of Things (IoT) applications are becoming more prevalent in today’s world.
White Papers
Wireless connectivity for the Internet of Things: One Size Does Not Fit All
In the rapidly growing
Internet of Things (IoT), applications from personal electronics to industrial machines and
sensors are getting wirelessly connected to the Internet. Covering a wide variety of use
cases, in various environments and serving diverse requirements, no single wireless
standard can adequately prevail. With numerous standards deployed in the market,
spreading over multiple frequency bands and using different communication protocols,
choosing the right wireless connectivity technology for an IoT application can be quite
challenging. In this paper we review the predominant wireless connectivity technologies in
the market, discuss their key technical concepts and engineering tradeoffs and provide
guidelines for selection of the right wireless technology for different applications.
Three flavors of Bluetooth®: Which one to choose? The Bluetooth® 4.0 specification brought a new
form of Bluetooth technology – variously known as Bluetooth LE, Bluetooth low energy, or
Bluetooth Smart in communications directed towards the consumer. This new form of
Bluetooth technology was developed in order to enable new types of Bluetooth devices in
areas where Bluetooth previously hadn’t been widely adopted for reasons of battery life or
cost. In this article, I’ll provide a brief history of Bluetooth low energy and the consumer-
facing positioning of Bluetooth Smart and Bluetooth Smart Ready as well as how to select
which “flavor” of Bluetooth is the best option for you.
Design Files
CC2564MODAEM Design Files Design files for the CC2564MODAEM
CC2564MODNEM Design Files Design files for the CC2564MODNEM
More Literature
CC2564MODA CE Certification CC2564MODA CE Certification documentation
SimpleLink™ Bluetooth CC256x Solutions TI single- and dual-mode CC256x solutions are complete
Bluetooth® BR/EDR/ low energy HCI or Bluetooth + Bluetooth low energy solutions that
reduce design effort and enable fast time to market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com