Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments CC2564MODACMOG Datasheet HTML 11Page - Texas Instruments CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Specifications
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Analog pin: BT_ANT
(3)
The module supports a temperature range of –30°C to +85°C because of the operating conditions of the crystal.
4
Specifications
Unless otherwise indicated, all measurements are taken at the device pins of the TI test evaluation board
(EVB). All specifications are over process, voltage, and temperature, unless otherwise indicated.
All values apply to the CC2564MODA and CC2564MODN devices, unless otherwise indicated.
4.1
Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise indicated). All parameters are measured as follows: VDD_IN =
3.6 V and VDD_IO = 1.8 V (unless otherwise indicated).
(1)
MIN
MAX
UNIT
VDD_IN
Supply voltage
–0.5
4.8
V
VDD_IO
–0.5
2.145
V
Input voltage to analog pins(2)
–0.5
2.1
V
Input voltage to all other pins
–0.5
VDD_IO + 0.5
V
Operating ambient temperature(3)
–30
85
°C
Bluetooth RF inputs
10
dBm
Tstg
Storage temperature
–40
100
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
This information is provided solely to give the customer an estimation of the POH under certain specified conditions, and is not intended
to – and does not – extend the warranty for the device under TI’s Standard Terms and Conditions.
4.3
Power-On Hours
(1)
DEVICE
CONDITIONS
POWER-ON HOURS
CC2564MODx
Duty cycle = 25% active and 75% sleep
TA = 70ºC
15,400 (7 years)
(1)
A crystal-based solution is limited by the temperature range required for the crystal to meet 20 ppm.
4.4
Recommended Operating Conditions
MIN
MAX
UNIT
VDD_IN
Power supply voltage
2.2
4.8
V
VDD_IO
I/O power supply voltage
1.62
1.92
V
VIH
High-level input voltage
Condition: Default
0.65 × VDD_IO
VDD_IO
V
VIL
Low-level input voltage
Condition: Default
0
0.35 ×
VDD_IO
V
tr and tf
I/O input rise and fall times,10% to 90% — asynchronous mode
1
10
ns
I/O input rise and fall times, 10% to 90% — synchronous mode
(PCM)
1
2.5
ns
Voltage dips on VDD_IN (V(BAT))
duration = 577 µs to 2.31 ms, period = 4.6 ms
400
mV
Maximum ambient operating temperature (1)
–30
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com