Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments CC2564MODACMOG Datasheet HTML 11Page - Texas Instruments CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments CC2564MODACMOG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Specifications
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
V(BAT) + VIO + V(SHUTDOWN)
(2)
V(BAT) + VIO
(3)
At maximum output power (10 dBm)
(4)
At maximum output power (8 dBm)
(5)
Both π / 4 DQPSK and 8DPSK
4.5
Power Consumption Summary
4.5.1
Static Current Consumption
OPERATIONAL MODE
MIN
TYP
MAX
UNIT
Shutdown mode(1)
1
7
µA
Deep sleep mode(2)
40
105
µA
Total I/O current consumption in active mode
1
mA
Continuous transmission—GFSK(3)
107
mA
Continuous transmission—EDR(4)(5)
112.5
mA
4.5.2
Dynamic Current Consumption
4.5.2.1
Current Consumption for Different Bluetooth BR and EDR Scenarios
Conditions: VDD_IN = 3.6 V, 25°C, nominal unit, 8-dBm output power
OPERATIONAL MODE
MASTER AND SLAVE
AVERAGE CURRENT
UNIT
Synchronous connection oriented (SCO) link HV3
Master and slave
13.7
mA
Extended SCO (eSCO) link EV3 64 kbps, no retransmission
Master and slave
13.2
mA
eSCO link 2-EV3 64 kbps, no retransmission
Master and slave
10
mA
GFSK full throughput: TX = DH1, RX = DH5
Master and slave
40.5
mA
EDR full throughput: TX = 2-DH1, RX = 2-DH5
Master and slave
41.2
mA
EDR full throughput: TX = 3-DH1, RX = 3-DH5
Master and slave
41.2
mA
Sniff, four attempts, 1.28 seconds
Master and slave
145
µA
Page or inquiry scan 1.28 seconds, 11.25 ms
Master and slave
320
µA
Page (1.28 seconds) and inquiry (2.56 seconds) scans,
11.25 ms
Master and slave
445
µA
A2DP source
Master
13.9
mA
A2DP sink
Master
15.2
mA
Assisted A2DP source
Master
16.9
mA
Assisted A2DP sink
Master
18.1
mA
Assisted WBS EV3; retransmit effort = 2;
maximum latency = 8 ms
Master and slave
17.5 and 18.5
mA
Assisted WBS 2EV3; retransmit effort = 2;
maximum latency = 12 ms
Master and slave
11.9 and 13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com