Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG Datasheet HTML 31Page - Texas Instruments CC2564MODACMOG Datasheet HTML 32Page - Texas Instruments CC2564MODACMOG Datasheet HTML 33Page - Texas Instruments CC2564MODACMOG Datasheet HTML 34Page - Texas Instruments CC2564MODACMOG Datasheet HTML 35Page - Texas Instruments CC2564MODACMOG Datasheet HTML 36Page - Texas Instruments CC2564MODACMOG Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
33
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Applications, Implementation, and Layout
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 6-3. PCB Stack-Up
TI recommends a board thickness of 62.4 mils and a substrate dielectric of 4.2. For details, see Table 6-1.
NOTE
These parameters are used for the 50-Ω impedance matching of the RF trace. For more
information, see Section 6.2.1.2.
Table 6-1. Recommended PCB Properties
ITEM
VALUE
Solder mask
0.4 mil
TOP copper + plating
1 oz/1.4 mil
PP (substrate)
10 mil
L2 copper + plating
1 oz/1.4 mil
Core (substrate)
36 mil
L3 copper + plating
1 oz/1.4 mil
PP (substrate)
10 mil
Bottom copper + plating
1 oz/1.4 mil
Solder mask
0.4 mil
Final thickness
62.4 mil = 1.585 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com