Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 59 Page - Texas Instruments

Part # CC2564MODACMOG
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 55Page - Texas Instruments CC2564MODACMOG Datasheet HTML 56Page - Texas Instruments CC2564MODACMOG Datasheet HTML 57Page - Texas Instruments CC2564MODACMOG Datasheet HTML 58Page - Texas Instruments CC2564MODACMOG Datasheet HTML 59Page - Texas Instruments CC2564MODACMOG Datasheet HTML 60Page - Texas Instruments CC2564MODACMOG Datasheet HTML 61Page - Texas Instruments CC2564MODACMOG Datasheet HTML 62Page - Texas Instruments CC2564MODACMOG Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
insert_swrs064
SWRS064-002
Carrier tape
Cover tape
Sprocket hole
Embossment
User direction of feed
A1 corner
Device on tape portion
Empty portion
Empty portion
270-mm MIN
The length is to extend
so that no unit is visible
on the outer layer of tape.
User direction of feed
Start
End
swrs064-001
53
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Mechanical, Packaging, and Orderable Information
Copyright © 2014–2017, Texas Instruments Incorporated
8.2.2
Tape and Reel Packaging Information (CC2564MODN Only)
8.2.2.1
Empty Tape Portion
Figure 8-3 shows the empty portion of the carrier tape.
Figure 8-3. Carrier Tape and Pockets
8.2.2.2
Device Quantity and Direction
When pulling out the tape, the A1 corner is on the left side (see Figure 8-4).
Figure 8-4. Direction of Device
8.2.2.3
Insertion of Device
Figure 8-5 shows the insertion of the device.
Figure 8-5. Insertion of Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com